Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMD3702VC Datasheet(PDF) 31 Page - ams AG

Part # TMD3702VC
Description  Narrow ALS, Color and Proximity Sensor Module
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TMD3702VC Datasheet(HTML) 31 Page - ams AG

Back Button TMD3702VC Datasheet HTML 27Page - ams AG TMD3702VC Datasheet HTML 28Page - ams AG TMD3702VC Datasheet HTML 29Page - ams AG TMD3702VC Datasheet HTML 30Page - ams AG TMD3702VC Datasheet HTML 31Page - ams AG TMD3702VC Datasheet HTML 32Page - ams AG TMD3702VC Datasheet HTML 33Page - ams AG TMD3702VC Datasheet HTML 34Page - ams AG TMD3702VC Datasheet HTML 35Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 57 page
background image
Page 30
Datasheet, Public
Document Feedback
[v2-00] 2023-Mar-14
TMD3702VC − Register Description
ID Register (Address 0x92)
Figure 39:
ID Register
Status Register (Address 0x93)
Figure 40:
Status Register
All flags in this register can be cleared by setting the bit high.
Alternatively, if the INT_READ_CLEAR in the CFG3 register bit is
set, then simply reading this register automatically clears all
eight flags.
Addr: 0x92
ID
Bit
Bit Name
Default
Access
Bit Description
7:2
ID
000100
RO
Device type identification.
1:0
Reserved
00
RO
Reserved
Addr: 0x93
Status Register
Bit
Bit Name
Default
Access
Bit Description
7
ASAT
0
R, SC
Analog saturation flag signals that the ALS/Color results
may be unreliable due to saturation of the AFE.
6
PSAT
0
R, SC
Proximity saturation flag indicates that an ambient- or
reflective-saturation event occurred during a previous
proximity cycle.
5PINT
0
R, SC
Proximity interrupt flag indicates that proximity results
have exceeded thresholds and persistence settings.
4AINT
0
R, SC
ALS interrupt flag indicates that ALS/Color results (clear
channel) have exceeded thresholds and persistence
settings.
3CINT
0
R, SC
Calibration interrupt flag indicates that calibration has
completed.
2ZINT
0
R, SC
Zero detection interrupt flag indicates that a zero value
in PDATA has caused the proximity offset to be
decremented (if AUTO_OFFSET_ADJ = 1).
1
PSAT_REFLECTIVE
0
R, SC
The reflective proximity saturation interrupt flag signals
that the AFE has saturated during the IR VCSEL active
portion of proximity integration.
0
PSAT_AMBIENT
0
R, SC
The ambient proximity saturation interrupt flag signals
that the AFE has saturated during the IR VCSEL inactive
portion of proximity integration.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com