Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMD3702VC Datasheet(PDF) 28 Page - ams AG

Part # TMD3702VC
Description  Narrow ALS, Color and Proximity Sensor Module
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TMD3702VC Datasheet(HTML) 28 Page - ams AG

Back Button TMD3702VC Datasheet HTML 24Page - ams AG TMD3702VC Datasheet HTML 25Page - ams AG TMD3702VC Datasheet HTML 26Page - ams AG TMD3702VC Datasheet HTML 27Page - ams AG TMD3702VC Datasheet HTML 28Page - ams AG TMD3702VC Datasheet HTML 29Page - ams AG TMD3702VC Datasheet HTML 30Page - ams AG TMD3702VC Datasheet HTML 31Page - ams AG TMD3702VC Datasheet HTML 32Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 57 page
background image
Datasheet, Public
Page 27
[v2-00] 2023-Mar-14
Document Feedback
TMD3702VC − Register Description
The PPULSE_LEN field sets the length (width) of all IR VCSEL
pulses within the proximity cycle. Longer pulses result in
increased proximity range and typically result in less electrical
noise generated in the analog front end. If the PPULSE_LEN_
16x bit in CFG0 is asserted, then the pulse length is extended
by a factor of 16 times.
The PPULSE field sets the maximum number of IR VCSEL pulses
that may occur in a proximity cycle. The proximity engine will
automatically continue to add IR VCSEL pulses, up to the value
set in PPULSE or if a near-saturation condition occurs. The
dynamic range of the sensor is automatically adjusted to detect
distant targets as well as prevent saturation from close targets.
This operation also reduces power consumption because
proximity integration period is automatically shortened when
a target is either too close or far from the sensor.
If Automatic Pulse Control (APC) is disabled by setting bit 6 in
CFG6 to 1, then PPULSE always determines the number of
proximity to be transmitted.
5:0
PPLUSE
15
(001111)
RW
Maximum number of pulses in a single proximity cycle.
Value
Maximum Number of Pulses
0 (000000)
1
1 (000001)
2
2 (000010)
3
……
63 (111111)
64
Addr: 0x8E
PCFG0
Bit
Bit Name
Default
Access
Bit Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com