Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMD3702VC Datasheet(PDF) 12 Page - ams AG

Part # TMD3702VC
Description  Narrow ALS, Color and Proximity Sensor Module
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TMD3702VC Datasheet(HTML) 12 Page - ams AG

Back Button TMD3702VC Datasheet HTML 8Page - ams AG TMD3702VC Datasheet HTML 9Page - ams AG TMD3702VC Datasheet HTML 10Page - ams AG TMD3702VC Datasheet HTML 11Page - ams AG TMD3702VC Datasheet HTML 12Page - ams AG TMD3702VC Datasheet HTML 13Page - ams AG TMD3702VC Datasheet HTML 14Page - ams AG TMD3702VC Datasheet HTML 15Page - ams AG TMD3702VC Datasheet HTML 16Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 57 page
background image
Datasheet, Public
Page 11
[v2-00] 2023-Mar-14
Document Feedback
TMD3702VC − Typical Operating Characteristics
Figure 15:
Proximity Average Angular Response to 940nm IR LED (pin1[-90°] to pin4 [90°])
Figure 16:
Proximity Average Angular Response to 940nm IR LED (pin4 [-90°] to pin5 [90°])
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
-90
-70
-50
-30
-10
10
30
50
70
90
Angle of Incidence (degrees)
Angular Response to 940nm IR LED (pin 1 [-90
°] to pin 4 [90°])
IR
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
-90
-70
-50
-30
-10
10
30
50
70
90
Angle of Incidence (degrees)
Angular Response to 940nm IR LED (pin 4 [-90
°] to pin 5 [90°])
IR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com