Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMD3702VC Datasheet(PDF) 26 Page - ams AG

Part # TMD3702VC
Description  Narrow ALS, Color and Proximity Sensor Module
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TMD3702VC Datasheet(HTML) 26 Page - ams AG

Back Button TMD3702VC Datasheet HTML 22Page - ams AG TMD3702VC Datasheet HTML 23Page - ams AG TMD3702VC Datasheet HTML 24Page - ams AG TMD3702VC Datasheet HTML 25Page - ams AG TMD3702VC Datasheet HTML 26Page - ams AG TMD3702VC Datasheet HTML 27Page - ams AG TMD3702VC Datasheet HTML 28Page - ams AG TMD3702VC Datasheet HTML 29Page - ams AG TMD3702VC Datasheet HTML 30Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 57 page
background image
Datasheet, Public
Page 25
[v2-00] 2023-Mar-14
Document Feedback
TMD3702VC − Register Description
PERS Register (Address 0x8C)
Figure 33:
PERS Register
The frequency of consecutive proximity channel results outside
of threshold limits are counted; this count value is compared
against the PPERS value. If the counter is equal to the PPERS
value an interrupt is asserted. Any time a proximity channel
result is inside the threshold values the counter is cleared.
Addr: 0x8C
PERS
Bit
Bit Name
Default
Access
Bit Description
7:4
PPERS
0
(0000)
RW
This register sets the proximity persistence filter.
Value
Interrupt
0 (0000)
Every proximity cycle
1 (0001)
Any value outside proximity thresholds
2 (0010)
2 consecutive proximity values out of range
3 (0011)
3 consecutive proximity values out of range
…….
15 (1111)
15 consecutive proximity values out of range
3:0
APERS
0
(0000)
RW
This register sets the ALS persistence filter.
0 (0000)
Every ALS cycle
1 (0001)
Any value outside ALS thresholds
2 (0010)
2 consecutive ALS values out of range
3 (0011)
3 consecutive ALS values out of range
4 (0100)
5 consecutive ALS values out of range
5 (0101)
10 consecutive ALS values out of range
6 (0110)
15 consecutive ALS values out of range
7 (0111)
20 consecutive ALS values out of range
……
13 (1101)
50 consecutive ALS values out of range
14 (1110)
55 consecutive ALS values out of range
15 (1111)
60 consecutive ALS values out of range



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com