Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMD3702VC Datasheet(PDF) 9 Page - ams AG

Part # TMD3702VC
Description  Narrow ALS, Color and Proximity Sensor Module
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TMD3702VC Datasheet(HTML) 9 Page - ams AG

Back Button TMD3702VC Datasheet HTML 5Page - ams AG TMD3702VC Datasheet HTML 6Page - ams AG TMD3702VC Datasheet HTML 7Page - ams AG TMD3702VC Datasheet HTML 8Page - ams AG TMD3702VC Datasheet HTML 9Page - ams AG TMD3702VC Datasheet HTML 10Page - ams AG TMD3702VC Datasheet HTML 11Page - ams AG TMD3702VC Datasheet HTML 12Page - ams AG TMD3702VC Datasheet HTML 13Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 57 page
background image
Page 8
Datasheet, Public
Document Feedback
[v2-00] 2023-Mar-14
TMD3702VC − Electrical Characteristics
Figure 10:
Proximity Optical Characteristics (VDD = 1.8V, LEDA = 3.0V, TA = 25°C, unless otherwise noted)
Note(s):
1. Production tested result is the average of 5 readings expressed relative to a calibrated response.
2. Representative result by characterization.
3. Production tested result is the average of 20 readings divided by the average response.
Parameter
Conditions
Min
Typ
Max
Unit
Part to Part Variation (1)
Conditions:
PGAIN = 2 (4x)
PLDRIVE = 8 (19mA)
PPULSE = 7 (8 pulses)
PPULSE_LEN = 3 (32μs)
d=23mm round target
30mm target distance
65
100
135
%
Response, Absolute
Basic proximity measurement (2)
Conditions:
PGAIN = 2 (4x),
PLDRIVE = 8 (19mA)
PPULSE = 7 (8 pulses)
PPULSE_LEN = 3 (32μs)
Target material:
90% reflective surface of Kodak
gray card
Target Size: 100mm x 100mm
Target Distance: 100mm
250
312
374
counts
Noise/Signal (3)
PGAIN = 2 (4x)
PLDRIVE = 8 (19mA)
PPULSE = 7 (8 pulses)
PPULSE_LEN = 3 (32μs)
d=23mm round target
30mm target distance
2%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com