Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMD3702VC Datasheet(PDF) 29 Page - ams AG

Part # TMD3702VC
Description  Narrow ALS, Color and Proximity Sensor Module
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TMD3702VC Datasheet(HTML) 29 Page - ams AG

Back Button TMD3702VC Datasheet HTML 25Page - ams AG TMD3702VC Datasheet HTML 26Page - ams AG TMD3702VC Datasheet HTML 27Page - ams AG TMD3702VC Datasheet HTML 28Page - ams AG TMD3702VC Datasheet HTML 29Page - ams AG TMD3702VC Datasheet HTML 30Page - ams AG TMD3702VC Datasheet HTML 31Page - ams AG TMD3702VC Datasheet HTML 32Page - ams AG TMD3702VC Datasheet HTML 33Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 57 page
background image
Page 28
Datasheet, Public
Document Feedback
[v2-00] 2023-Mar-14
TMD3702VC − Register Description
PCFG1 Register (Address 0x8F)
Figure 36:
PCFG1 Register
Addr: 0x8F
PCFG1
Bit
Bit Name
Default
Access
Bit Description
7:6
PGAIN
2
(10)
RW
This field sets the gain of the proximity IR sensor.
Value
Gain
0 (00)
1x
1 (01)
2x
2 (10)
4x
3 (11)
8x
5:4
Reserved
00
RW
Reserved. Must be set to default value.
3:0
PLDRIVE
0
(0000)
RW
This field sets the drive strength of the IR VCSEL
current. Values are approximate; actual current
through VCSEL is factory trimmed to normalize IR
intensity.
Note: Bit 5 in CFG1 must be set to a 1 or the VCSEL
currents will be 2x the nominal values.
Value
VCSEL Current
0 (0000)
2mA
1 (0001)
4mA
2 (0010)
6mA
3 (0011)
8mA
4 (0100)
10mA
5 (0101)
12mA
6 (0110)
14mA
7 (0111)
17mA
8 (1000)
19mA
All other values
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com