Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMD3702VC Datasheet(PDF) 40 Page - ams AG

Part # TMD3702VC
Description  Narrow ALS, Color and Proximity Sensor Module
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TMD3702VC Datasheet(HTML) 40 Page - ams AG

Back Button TMD3702VC Datasheet HTML 36Page - ams AG TMD3702VC Datasheet HTML 37Page - ams AG TMD3702VC Datasheet HTML 38Page - ams AG TMD3702VC Datasheet HTML 39Page - ams AG TMD3702VC Datasheet HTML 40Page - ams AG TMD3702VC Datasheet HTML 41Page - ams AG TMD3702VC Datasheet HTML 42Page - ams AG TMD3702VC Datasheet HTML 43Page - ams AG TMD3702VC Datasheet HTML 44Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 57 page
background image
Datasheet, Public
Page 39
[v2-00] 2023-Mar-14
Document Feedback
TMD3702VC − Register Description
The binary search target field is used by the calibration feature
to set the baseline value for PDATA when no target is present.
For example, calibration of a device in open air, with no target,
and BINSEARCH_TARGET setting of 2 causes the PDATA value
will be approximately 15 counts. This feature is useful because
it forces PDATA result to always be above zero.
The PROX_AVG field sets the number of ADC samples that are
averaged to calculate the PDATA result.
CALIBSTAT Register (Address 0xDC)
Figure 61:
CALIBSTAT Register
INTENAB Register (Address 0xDD)
Figure 62:
INTENAB Register
Addr: 0xDC
CALIBSTAT
Bit
Bit Name
Default
Access
Bit Description
7:3
Reserved
0
RW
Reserved. Must be set to default value.
2
OFFSET_
ADJUSTED
0RW
Bit is set when the proximity offset has been
automatically decremented if AUTO_OFFSET_
ADJ = 1 (see CALIBCFG register). This bit can
be cleared by writing 1 to it or setting AUTO_
OFFSET_ADJ to 0.
1
Reserved
0
RW
Reserved. Must be set to default value.
0
CALIB_FINISHED
0
RW
This flag indicates that calibration has
finished. This bit is a copy of the CINT bit in the
STATUS register. It will be cleared when the
CINT bit is cleared.
Addr: 0xDD
INTENAB
Bit
Bit Name
Default
Access
Bit Description
7
ASIEN
0
RW
ALS Saturation Interrupt Enable
6
PSIEN
0
RW
Proximity Saturation Interrupt Enable
5
PIEN
0
RW
Proximity Interrupt Enable
4
AIEN
0
RW
ALS/Color Interrupt Enable
3
CIEN
0
RW
Calibration Interrupt Enable
2
ZIEN
0
RW
Zero Detect Interrupt Enable
1:0
Reserved
0
RW
Reserved. Must be set to default value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com