Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMD3702VC Datasheet(PDF) 5 Page - ams AG

Part # TMD3702VC
Description  Narrow ALS, Color and Proximity Sensor Module
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TMD3702VC Datasheet(HTML) 5 Page - ams AG

  TMD3702VC Datasheet HTML 1Page - ams AG TMD3702VC Datasheet HTML 2Page - ams AG TMD3702VC Datasheet HTML 3Page - ams AG TMD3702VC Datasheet HTML 4Page - ams AG TMD3702VC Datasheet HTML 5Page - ams AG TMD3702VC Datasheet HTML 6Page - ams AG TMD3702VC Datasheet HTML 7Page - ams AG TMD3702VC Datasheet HTML 8Page - ams AG TMD3702VC Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 57 page
background image
Page 4
Datasheet, Public
Document Feedback
[v2-00] 2023-Mar-14
TMD3702VC − Absolute Maximum Ratings
Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. These are stress
ratings only. Functional operation of the device at these or any
other condition beyond those indicated under Electrical
Characteristics is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device
reliability.
Figure 5:
Absolute Maximum Ratings
Symbol
Parameter
Min
Max
Units
Comments
VDD
Supply voltage to ground
-0.3
2.0
V
LEDA
VCSEL voltage to PGND
-0.3
3.6
V
VIO
Digital I/O terminal voltage
-0.3
3.6
V
IIO
Digital output terminal
current
-1
20
mA
IVCSEL
VCSEL current
30
mA
ISCR
Input current
(latch-up immunity)
± 100
mA
Class II JEDEC JESD78D
ESDHBM
HBM electrostatic discharge
± 2000
V
JS-001-2014
ESDCDM
CDM electrostatic discharge
± 500
V
JEDEC JESD22-C101F
TSTRG
Storage temperature range
-40
85
°C
TBODY
Package body temperature
260
°C
IPC/JEDEC J-STD-020
The reflow peak soldering
temperature (body temperature)
is specified according to
IPC/JEDEC J-STD-020
“Moisture/Reflow Sensitivity
Classification for Non-hermetic
Solid State Surface Mount
Devices.”
RHNC
Relative humidity
(non-condensing)
585
%
PDISS
Power dissipation
200
mW
Average power dissipation over a
1 second period
Absolute Maximum Ratings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com