Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMD3702VC Datasheet(PDF) 38 Page - ams AG

Part # TMD3702VC
Description  Narrow ALS, Color and Proximity Sensor Module
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TMD3702VC Datasheet(HTML) 38 Page - ams AG

Back Button TMD3702VC Datasheet HTML 34Page - ams AG TMD3702VC Datasheet HTML 35Page - ams AG TMD3702VC Datasheet HTML 36Page - ams AG TMD3702VC Datasheet HTML 37Page - ams AG TMD3702VC Datasheet HTML 38Page - ams AG TMD3702VC Datasheet HTML 39Page - ams AG TMD3702VC Datasheet HTML 40Page - ams AG TMD3702VC Datasheet HTML 41Page - ams AG TMD3702VC Datasheet HTML 42Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 57 page
background image
Datasheet, Public
Page 37
[v2-00] 2023-Mar-14
Document Feedback
TMD3702VC − Register Description
CALIB Register (Address 0xD7)
Figure 59:
CALIB Register
Proximity response in systems with electrical and optical
crosstalk may be improved by using the calibration feature.
Optical crosstalk is caused when the photodiode receives a
portion of the VCSEL IR which was unintentionally reflected by
a surface other than the target. Electrical offset is caused by
electrical disturbance in the sensor AFE, and also influences the
proximity result. The calibration routine adjusts the value in
POFFSETL/H until the proximity result is as close to the binary
search target as possible. Optical and electrical calibration
function identically, except that during an electrical calibration
the proximity photodiode is disconnected from the AFE.
An electrical calibration can be initiated anytime by setting the
ELECTRICAL_CALIBRATION and START_OFFSET_CAL bits. To
perform an optical (and electrical) calibration do not set the
ELECTRICAL_CALIBRATION bit when setting the START_
OFFSET_CALIB. The CINT flag will assert after calibration has
finished. Upon completion proximity offset registers are
automatically loaded with calibration result.
Addr: 0xD7
CALIB
Bit
Bit Name
Default
Access
Bit Description
7:6
Reserved
0
RW
Reserved. Must be set to default value.
5
ELECTRICAL_
CALIBRATION
0RW
Selects proximity calibration type.
0 = Electrical and optical crosstalk.
1 = Electrical crosstalk only.
4:1
Reserved
0
RW
Reserved. Must be set to default value.
0
START_OFFSET_
CAL
0
RW
Set to 1 to start a calibration sequence.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com