Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMD3702VC Datasheet(PDF) 21 Page - ams AG

Part # TMD3702VC
Description  Narrow ALS, Color and Proximity Sensor Module
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TMD3702VC Datasheet(HTML) 21 Page - ams AG

Back Button TMD3702VC Datasheet HTML 17Page - ams AG TMD3702VC Datasheet HTML 18Page - ams AG TMD3702VC Datasheet HTML 19Page - ams AG TMD3702VC Datasheet HTML 20Page - ams AG TMD3702VC Datasheet HTML 21Page - ams AG TMD3702VC Datasheet HTML 22Page - ams AG TMD3702VC Datasheet HTML 23Page - ams AG TMD3702VC Datasheet HTML 24Page - ams AG TMD3702VC Datasheet HTML 25Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 57 page
background image
Page 20
Datasheet, Public
Document Feedback
[v2-00] 2023-Mar-14
TMD3702VC − Register Description
WTIME Register (Address 0x83)
Figure 24:
WTIME Register
The wait timer is implemented using a down counter.
Wait time = Increment x 2.78ms. If WLONG is enabled then,
Wait time = Increment x 2.78ms x 12.
Addr:0x83
WTIME
Bit
Bit Name
Default
Access
Bit Description
7:0
WTIME
0x00
RW
Value that specifies the wait time between ALS and
proximity cycles in 2.78ms increments
Value
Increments
Wait Time
0x00
1
2.78ms (33.4ms)
0x01
2
5.56ms (66.7ms)
0x11
18
50.0ms (600ms)
0x23
36
100ms (1.20s)
0x3F
64
178ms (2.14s)
0xFF
256
712ms (8.54s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com