Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMD3702VC Datasheet(PDF) 36 Page - ams AG

Part # TMD3702VC
Description  Narrow ALS, Color and Proximity Sensor Module
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TMD3702VC Datasheet(HTML) 36 Page - ams AG

Back Button TMD3702VC Datasheet HTML 32Page - ams AG TMD3702VC Datasheet HTML 33Page - ams AG TMD3702VC Datasheet HTML 34Page - ams AG TMD3702VC Datasheet HTML 35Page - ams AG TMD3702VC Datasheet HTML 36Page - ams AG TMD3702VC Datasheet HTML 37Page - ams AG TMD3702VC Datasheet HTML 38Page - ams AG TMD3702VC Datasheet HTML 39Page - ams AG TMD3702VC Datasheet HTML 40Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 57 page
background image
Datasheet, Public
Page 35
[v2-00] 2023-Mar-14
Document Feedback
TMD3702VC − Register Description
CFG3 Register (Address 0xAB)
Figure 54:
CFG3 Register
The SAI bit sets the device operational mode following the
completion of an ALS or proximity cycle. If AINT and AIEN are
both set or if PINT and PIEN are both set, causing an interrupt
on the INT pin, and the SAI bit is set, then the oscillator will
deactivate. The device will appear as if PON = 0, however, PON
will read as 1. The device can only be reactivated (oscillator
enabled) by clearing the interrupts in the STATUS register.
CFG4 Register (Address 0xAC)
Figure 55:
CFG4 Register
Addr: 0xAB
CFG3
Bit
Bit Name
Default
Access
Bit Description
7
INT_READ_CLEAR
0
RW
If set, then all flag bits in the STATUS register will be
reset whenever the STATUS register is read over I²C.
6:5
Reserved
0
RW
Reserved. Must be set to default value.
4SAI
0
RW
The Sleep After Interrupt bit is used to place the
device into a low power mode upon an interrupt pin
assertion.
PON
SAI
INT
Oscillator
0X
X
OFF
10
X
ON
11
1
ON
11
0
OFF
3:0
Reserved
0100
RW
Reserved. Must be set to default value.
Addr: 0xAC
CFG4
Bit
Bit Name
Default
Access
Bit Description
7:0
Reserved
0x3F
RW
Reserved. Must be set to 0x3D.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com