Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMPR4925 Datasheet(PDF) 137 Page - Toshiba Semiconductor

Part # TMPR4925
Description  64-Bit TX System RISC TX49 Family
PDF  590 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4925 Datasheet(HTML) 137 Page - Toshiba Semiconductor

Back Button TMPR4925 Datasheet HTML 133Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 134Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 135Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 136Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 137Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 138Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 139Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 140Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 141Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 137 / 590 page
background image
Chapter 7 External Bus Controller
7-27
7.4.2
External Bus Base Address Register (EBBARn)
0x9000 (ch. 0), 0x9008 (ch. 1)
0x9010 (ch. 2), 0x9018 (ch. 3)
0x9020 (ch. 4), 0x9028 (ch. 5)
0x9030 (ch. 6), 0x9038 (ch. 7)
Channel 0 can be used as Boot memory. Therefore, the default is set by the Boot signal (see “7.3.2
Global/Boot-up Options”). Channels 1 - 7 have the same register configuration as Channel 0, but they
have different defaults than Channel 0.
31
20
19
16
BA[31:20]
Reserved
R/W
:Type
0x1FC(ch0,7)/0x000(ch1~6)
: Initial value
15
32
Reserved
: Type
: Initial value
Only in the case of Channel 0 are fields with different defaults in the “Channel 0/Other channel” state.
Bits
Mnemonic
Field Name
Description
31:20
BA[31:20]
Base Address
External Bus Control Base Address (Initial value: 0x1FC/0x000, R/W)
A physical address is used to specify the base address. The upper 12 bits [31:20] of
the physical address are compared to the value of this field.
19:0
Reserved
Figure 7.4.2 External Bus Base Address Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com