Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMPR4925 Datasheet(PDF) 138 Page - Toshiba Semiconductor

Part # TMPR4925
Description  64-Bit TX System RISC TX49 Family
PDF  590 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4925 Datasheet(HTML) 138 Page - Toshiba Semiconductor

Back Button TMPR4925 Datasheet HTML 134Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 135Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 136Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 137Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 138Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 139Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 140Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 141Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 142Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 138 / 590 page
background image
Chapter 7 External Bus Controller
7-28
7.5
Timing Diagrams
Please take the following points into account when referring to the timing diagrams.
(1) The clock frequency of the SYSCLK signal can be set to one of the following divisions of the internal
bus clock (GBUSCLK): 1/1, 1/2, 1/3, or 1/4. Also, the operating reference clock frequency can be set to
one of the following divisions of the internal bus clock (GBUSCLK) for each channel: 1/1, 1/2, 1/3, or
1/4. (See 7.3.8.) The timing diagrams indicate the SYSCLK signal clock frequency and channel
operating reference clock frequency as being equivalent.
(2) Both the BWE* signal and BE* signal are indicated in all timing diagrams. The setting of the Channel
Control Register (EBCCRn) determines whether the BWE* pin will function as BWE* or BE*.
(3) All Burst cycles in the timing diagrams illustrate examples in which the address increases by increments
of 1 starting from 0. However, cases where the CWF (Critical Word First) function of the TX49 core
was used or the decrement burst function performed by the DMA Controller was used are exceptions.
(4) The timing diagrams display each clock cycle currently being accessed using the symbols described in
the following table. (n=1, 2, 3, …)
SWn
Normal Wait Cycles
PWn
Page Wait Cycles
ASn
Set-up Time from SHWT Address Validation to CE Fall
CSn
Set-up Time from SHWT CE Fall to OE/SWE Fall
AHn
Hold Time from SHWT CE Rise to Address Change
CHn
Hold Time from SHWT OE/SWE Rise to CE Rise
ESn
Synch Cycles of the External Input Signal
UAEn
Upper Address Enable Cycles
Sn
Other Cycles
(5) Shaded areas (
) in the diagrams are undefined values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com