Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMPR4925 Datasheet(PDF) 134 Page - Toshiba Semiconductor

Part # TMPR4925
Description  64-Bit TX System RISC TX49 Family
PDF  590 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4925 Datasheet(HTML) 134 Page - Toshiba Semiconductor

Back Button TMPR4925 Datasheet HTML 130Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 131Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 132Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 133Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 134Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 135Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 136Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 137Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 138Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 134 / 590 page
background image
Chapter 7 External Bus Controller
7-24
7.4.1
External Bus Channel Control Register (EBCCRn) 0x9000 (ch. 0), 0x9008 (ch. 1)
0x9010 (ch. 2), 0x9018 (ch. 3)
0x9020 (ch. 4), 0x9028 (ch. 5)
0x9030 (ch. 6), 0x9038 (ch. 7)
Channel 0 and 7 can be used as Boot memory. Therefore, the default is set by the Boot signal (see
“7.3.2 Global/Boot-up Options”). Channels 1 - 7 have the same register configuration as Channel 0, but
they have different defaults than Channel 0.
31
30
29
27
26
25
24
23
22
21
20
19
18
17
16
LDEA
EACK
Reserved
PCM
PCS
Reserved
BSZ
PM
PWT
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
: Type
~A[5](ch0,7)/
0(ch1~6)
~A[5]/0
000
000(ch0-6)/001(ch7)
0
1(ch0,7)/
0(ch1~6)
A[13:12](ch0,7)/
00(ch1~6)
00
11(ch0,7)/00(ch1-6)
: Initial value
15
12
11
876
5432
0
WT
CS
BC
RDY
SP
ME
SHWT
R/W
R/W
R/W
R/W
R/W
R/W
R/W
: Type
1111(ch0,7)/0000(ch1~6)
0010(ch0,7)/0000(ch1-6)
A[11]
(ch0,7)/
0(ch1-6)
0(ch0-6)/
1(ch7)
A[4:3]/00
A[8]/0
000(ch0-6)/111(ch7)
: Initial value
Only in the case of Channel 0 is fields with different defaults in the “Channel 0/Other channel” state.
D[ ] represents the corresponding Data[ ] signal value when the RESET* signal is deasserted. A[ ] represents
the corresponding ADDR[ ] signal value when the RESET* signal is deasserted.
Bits
Mnemonic
Field Name
Description
31
LDEA
Latch Data at
External ACK*
Latch Data at External ACK* (Initial value: ~A[5](ch0,7)/0(ch1~6), R/W)
Specifies the data latched timing in the external ACK* input mode.
0 : Data is latched for External ACK* Input mode Reads at OE* active.
1 : Data is latched for External ACK* Input mode Reads at ACK* active.
30
EACK
ACK* Input
Active
ACK* Input Active (Initial value: ~A[5]/0, R/W)
Enable ACK* Input mode.
0 : ACK* Input mode is disabled.
1 : ACK* Input mode is enabled.
29 : 27
Reserved
Note: These bits are always set to “0” (Initial value: 000, R/W).
Figure 7.4.1 External Bus Channel Control Register (1/3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com