Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMPR4925 Datasheet(PDF) 130 Page - Toshiba Semiconductor

Part # TMPR4925
Description  64-Bit TX System RISC TX49 Family
PDF  590 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4925 Datasheet(HTML) 130 Page - Toshiba Semiconductor

Back Button TMPR4925 Datasheet HTML 126Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 127Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 128Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 129Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 130Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 131Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 132Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 133Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 134Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 130 / 590 page
background image
Chapter 7 External Bus Controller
7-20
7.3.9.3
PCMCIA Channel Programming Requirements
Because of the multiple modes possible on a given EBUSC Channel the following restrictions
apply when a channel is used for PCMCIA access.
Page Mode is not allowed on a PCMCIA enabled Channel. Undetermined results will occur if
Page Mode is active.
External Ack Mode is not allowed on a PCMCIA enabled Channel. Undetermined results will
occur if External Ack Mode is active.
A channel that is used for PCMCIA access must be programmed to have a bus size of 16 or 8
bits. Addressing will not be correct if using a 32 bit bus size.
To meet the setup and hold timing of the PCMCIA bus the SHWT mode must be used.
Depending on the access speed of the card, the number of SHWT states and the speed of the
channel will need to be programmed to meet the timing requirements.
PWT and WT can be used to extend the OE*, WE*, CARDIORD*, and CARDIOWR* active
timing. See the description of the PWT and WT fields for details.
The EBUSC Controller can be used to implement the WAIT* function of the PCMCIA
specification. To do so PCMCIA channel must be programmed with the RDY bit set. See RDY
mode description for more details. Wait states will then be inserted externally until the WAIT*
signal from the PC card goes inactive and informing the EBUSC controller that it is READY. The
EBUSC controller supports a unique WAIT* signal for both slots. See device pin multiplexing for
details on support. The PWT/WT counter must be used programmed to account for the delay in
WAIT* valid from OE*, WE*, CARDIORD*, CARDIOWR*. Otherwise the high time of WAIT*
during this delay may cause the EBUSC controller to terminate the cycle early. The delay value
should take into account that the WAIT* signals are synchronized to the full speed clock
regardless of the speed of the channel.
7.3.9.4
PCMCIA Addressing and UAE
The PCMCIA specification has a 26 bit address bus. Since the external address bus of the
device is only 20 bits, the top 6 bits must be latched using the UAE signal. See the description on
UAE for more details.
The PCMCIA specification always uses a byte addressing scheme, where A0 is a “don’t care”
for “Word” and “Odd-Byte-Only” accesses. Normally the EBUSC controller outputs an address
that allows for addressing bytes, half words, or words depending on the programmed bus size. For
accessing data sizes smaller than the programmed bus size the BE*/BWE* signals are used in
normal operations. In the case of a channel being used for PCMCIA access the addressing will
always be for bytes, regardless of the bus size being 16 or 8 bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com