Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMPR4925 Datasheet(PDF) 129 Page - Toshiba Semiconductor

Part # TMPR4925
Description  64-Bit TX System RISC TX49 Family
PDF  590 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4925 Datasheet(HTML) 129 Page - Toshiba Semiconductor

Back Button TMPR4925 Datasheet HTML 125Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 126Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 127Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 128Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 129Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 130Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 131Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 132Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 133Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 590 page
background image
Chapter 7 External Bus Controller
7-19
7.3.9
PCMCIA mode
The EBUSC Controller supports the following functions of the 16-Bit PC Card interface.
The EBUSC Controller supports 2 PCMCIA slots. Any of the eight EBUSC Controller channels can
target the 2 PCMCIA slots. The use of channels 6 and 7 first for PCMCIA is recommended, since their
normal CE_ signals are not pinned out and they cannot be used for any other function. For a channel to
target a PCMCIA slot, it must first be in a PCMCIA mode. This is done by programming the PCM field
to a non zero value. See the PCM field description for more details. Once a channel has been
programmed to a PCMCIA mode, the PCS bit determines which slot is accessed via the two pairs of
Card Enable signals.
Since pin multiplexing exists on the TX4925 device, the PCMCIA pin selection should be configured
appropriately. Please refer to “3.3 Pin Multiplexing” for more information.
It should be noted that a normal dedicated CE_ for a channel used for PCMCIA access will continue
to go active when that channel is accessed. It is up to the system designer to make sure that this does not
cause any conflict on the external buses. The signals BWE*/BE*, OE*, and WE* also continue to cycle
regardless of the PCMCIA mode. This was done for AC timing considerations.
OE* and WE* are forced inactive during IO access.
CARDIORD* and CARDIOWR* are multiplexed on BWE*/BE*[3:2] pins respectively in a time
multiplexed manner on the TX4925.
7.3.9.1
PCMCIA Mode Selects
A channel that is allocated to be used as a PCMCIA control channel can be put into one of four
access modes. The first is the Attribute Memory Access mode. This mode is typically used at
power on only to determine the type of PCMCIA card installed. The second is the Common
Memory Access Mode, used for cards that are of the memory type. The third is IO Access mode,
used for cards that support IO. A single channel can be used initially for Attribute access to
determine the card types and then that channel can be reallocated for one of the cards.
In the case of properties access, memory access, and I/O access is determined by differences in
the signals CARDREG*, CARDIORD*, CARDIOWR*, the maximum address space, and width
of the access. Consult the PCMCIA 16-Bit PC Card specification for details.
7.3.9.2
PCMCIA Slot Selection
Slot 1 is accessed by programming the PCS bit to 0 and the CARD1CSH*/CARD1CSL*
signals are active. If the PCS bit is set to 1 then Slot 2 is accessed and the
CARD2CSH*/CARD2CSL* signals are active.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com