Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMPR4925 Datasheet(PDF) 131 Page - Toshiba Semiconductor

Part # TMPR4925
Description  64-Bit TX System RISC TX49 Family
PDF  590 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4925 Datasheet(HTML) 131 Page - Toshiba Semiconductor

Back Button TMPR4925 Datasheet HTML 127Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 128Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 129Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 130Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 131Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 132Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 133Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 134Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 135Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 131 / 590 page
background image
Chapter 7 External Bus Controller
7-21
7.3.9.5
PCMCIA IOIS16* Signal
The IOIS16* signal is not supported. This means that the size of IO accesses needs to be known
ahead of time and are not dynamically sized.
7.3.9.6
PCMCIA Cycle Types
Burst Cycles are not allowed on a PCMCIA enabled Channel. This is due to the fact that the
EBUSC Controller does not toggle all signals between the individual accesses for burst accesses.
The PCMCIA specification requires that all signals toggle per each access. In addition
programming requirements for a channel supporting PCMCIA require SHWT mode. Burst
accesses are not allowed with SHWT enabled.
Table 7.3.8 Access Mapping (PCMCIA in 16-bit Channel and Little Endian Mode)
Access
Access
Address
ADDR[1:0]
Port Size
CARDnCSH*,
CARDnCSL*
DATA[15:8]
DATA[7:0]
Word(1/2)
00
16-bit
LL
R[15:8]
R[7:0]
Word{2/2}
00
10
16-bit
LL
R[31:24]
R[23:16]
Triple byte(1/2)
00
16-bit
LH
R[15:8]
-
Triple byte(2/2)
01
10
16-bit
LL
R[31:24]
R[23:16]
Triple byte(1/2)
00
16-bit
LL
R[15:8]
R[7:0]
Triple byte(2/2)
00
10
16-bit
HL
-
R[23:16]
Half-Word
10
10
16-bit
LL
R[15:8]
R[7:0]
Half-Word
00
00
16-bit
LL
R[15:8]
R[7:0]
Byte
11
10
16-bit
LH
R[7:0]
-
Byte
10
10
16-bit
HL
-
R[7:0]
Byte
01
00
16-bit
LH
R[7:0]
-
Byte
00
00
16-bit
HL
-
R[7:0]
Note: Word access and triple byte access yield 2 separate external cycles.
Table 7.3.9 Access Mapping (PCMCIA in 8-bit Channel and Little Endian Mode)
Access
Access
Address
ADDR[1:0]
Port Size
CARDnCSH*,
CARDnCSL*
DATA[15:8]
DATA[7:0]
Word(1/4)
00
8-bit
HL
-
R[7:0]
Word{2/4}
01
8-bit
HL
-
R[15:8]
Word(3/4)
10
8-bit
HL
-
R[23:16]
Word{4/4}
00
11
8-bit
HL
-
R[31:24]
Triple byte(1/3)
01
8-bit
HL
-
R[15:8]
Triple byte(2/3)
10
8-bit
HL
-
R[23:16]
Triple byte(3/3)
01
11
8-bit
HL
-
R[31:24]
Triple byte(1/3)
00
8-bit
HL
-
R[7:0]
Triple byte(2/3)
01
8-bit
HL
-
R[15:8]
Triple byte(3/3)
00
10
8-bit
HL
-
R[23:16]
Half-Word(1/2)
10
8-bit
HL
-
R[7:0]
Half-Word(2/2)
10
11
8-bit
HL
-
R[15:8]
Half-Word(1/2)
00
8-bit
HL
-
R[7:0]
Half-Word(2/2)
00
01
8-bit
HL
-
R[15:8]
Byte
11
11
8-bit
HL
-
R[7:0]
Byte
10
10
8-bit
HL
-
R[7:0]
Byte
01
01
8-bit
HL
-
R[7:0]
Byte
00
00
8-bit
HL
-
R[7:0]
Note: Word access yields 4 separate external cycles.
Triple byte access yields 4 separate external cycles.
Half-word access yields 4 separate external cycles.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com