Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMPR4925 Datasheet(PDF) 128 Page - Toshiba Semiconductor

Part # TMPR4925
Description  64-Bit TX System RISC TX49 Family
PDF  590 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4925 Datasheet(HTML) 128 Page - Toshiba Semiconductor

Back Button TMPR4925 Datasheet HTML 124Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 125Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 126Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 127Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 128Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 129Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 130Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 131Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 132Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 590 page
background image
Chapter 7 External Bus Controller
7-18
Figure 7.3.15 Ready Input Timing (Write Cycle)
7.3.8
Clock Options
External devices connected to the external bus can use the SYSCLK signal as the clock. The
SYSCLK signal clock frequency can be set to one of the following divisions of the internal bus clock
(GBUSCLK): 1/1, 1/2, 1/3, 1/4. The ADDR[4:3] signal is used to set this frequency during reset, and
the setting is reflected in the SYSCLK Division Ratio field (CCFG.SYSSP) of the Chip Configuration
Register.
The operation reference clock frequency can be set to one of the following divisions of the internal
bus clock (GBUSCLK) for each channel independent of the SYSCLK signal clock frequency: 1/1, 1/2,
1/3, 1/4. The external signal of the External Bus Controller operates synchronous to this operation
clock. The Bus Speed field (EBCCRn.SP) of the External Bus Channel Control Register sets this
frequency.
Please set the same value as CCFG.SYSSP to EBCCRn.SP when the external device uses the
SYSCLK signal. If these two values do not match, then the channel, the operation reference clock, and
the SYSCLK signal will no longer be synchronous and will not operate properly.
SYSCLK
CE*
ADDR [19:0]
SWE*/BWE*
DATA [31:0]
ACK*/READY
(Input)
3 clocks
4 clocks
Acknowledge Ready
EBCCRn.PWT:WT=2
EBCCRn.SHWT=0
3 clocks
4 clocks
SYSCLK
CE*
ADDR [19:0]
SWE*/BWE*
DATA [31:0]
ACK*/READY
(Input)
Acknowledge Read
EBCCRn.PWT:WT=2
EBCCRn.SHWT=0
Start Ready
Check



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com