Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56004ROM Datasheet(PDF) 26 Page - Freescale Semiconductor, Inc

Part # DSP56004ROM
Description  SYMPHONY AUDIO DSP FAMILY 24-BIT DIGITAL SIGNAL PROCESSORS
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56004ROM Datasheet(HTML) 26 Page - Freescale Semiconductor, Inc

Back Button DSP56004ROM Datasheet HTML 22Page - Freescale Semiconductor, Inc DSP56004ROM Datasheet HTML 23Page - Freescale Semiconductor, Inc DSP56004ROM Datasheet HTML 24Page - Freescale Semiconductor, Inc DSP56004ROM Datasheet HTML 25Page - Freescale Semiconductor, Inc DSP56004ROM Datasheet HTML 26Page - Freescale Semiconductor, Inc DSP56004ROM Datasheet HTML 27Page - Freescale Semiconductor, Inc DSP56004ROM Datasheet HTML 28Page - Freescale Semiconductor, Inc DSP56004ROM Datasheet HTML 29Page - Freescale Semiconductor, Inc DSP56004ROM Datasheet HTML 30Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 82 page
background image
2-2
DSP56004/D, Rev. 3
MOTOROLA
Specifications
Thermal characteristics
THERMAL CHARACTERISTICS
Table 2-1
Maximum Ratings (GND = 0 Vdc)
Rating
Symbol
Value
Unit
Supply Voltage
VCC
–0.3 to +7.0
V
All Input Voltages:
•
50 and 66 MHz
•
81 MHz
VIN
(GND – 0.5) to (VCC + 0.5)
(GND – 0.25) to (VCC + 0.25)
V
Current Drain per Pin excluding VCC and GND
I
10
mA
Operating Temperature Range:
•
50 and 66 MHz
•
81 MHz
TJ
–40 to +125
–40 to +120
°C
°C
Storage Temperature
TSTG
–55 to +125
°C
Table 2-2
Thermal Characteristics
Characteristic
Symbol
QFP Value3
QFP Value4
Unit
Junction-to-ambient thermal resistance1
RθJA or θJA
70.4
45.1
˚C/W
Junction-to-case thermal resistance2
RθJC or θJC
16.4
—
˚C/W
Thermal characterization parameter
Ψ
JT
3.2
—
˚C/W
Notes:
1.
Junction-to-ambient thermal resistance is based on measurements on a horizontal-single-sided
Printed Circuit Board per SEMI G38-87 in natural convection.(SEMI is Semiconductor Equipment
and Materials International, 805 East Middlefield Rd., Mountain View, CA 94043, (415) 964-5111)
2.
Junction-to-case thermal resistance is based on measurements using a cold plate per SEMI G30-
88, with the exception that the cold plate temperature is used for the case temperature.
3.
These are measured values. See note 1 for test board conditions.
4.
These are measured values; testing is not complete. Values were measured on a non-standard
four-layer thermal test board (two internal planes) at one watt in a horizontal configuration.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com