Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56004ROM Datasheet(PDF) 29 Page - Freescale Semiconductor, Inc

Part # DSP56004ROM
Description  SYMPHONY AUDIO DSP FAMILY 24-BIT DIGITAL SIGNAL PROCESSORS
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56004ROM Datasheet(HTML) 29 Page - Freescale Semiconductor, Inc

Back Button DSP56004ROM Datasheet HTML 25Page - Freescale Semiconductor, Inc DSP56004ROM Datasheet HTML 26Page - Freescale Semiconductor, Inc DSP56004ROM Datasheet HTML 27Page - Freescale Semiconductor, Inc DSP56004ROM Datasheet HTML 28Page - Freescale Semiconductor, Inc DSP56004ROM Datasheet HTML 29Page - Freescale Semiconductor, Inc DSP56004ROM Datasheet HTML 30Page - Freescale Semiconductor, Inc DSP56004ROM Datasheet HTML 31Page - Freescale Semiconductor, Inc DSP56004ROM Datasheet HTML 32Page - Freescale Semiconductor, Inc DSP56004ROM Datasheet HTML 33Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 82 page
background image
Specifications
Internal Clocks
MOTOROLA
DSP56004/D, Rev. 3
2-5
INTERNAL CLOCKS
For each occurrence of TH, TL, TC or Icyc, substitute with the numbers in Table 2-4.
EXTERNAL CLOCK (EXTAL PIN)
The DSP56004 system clock is externally supplied via the EXTAL pin. Timings shown
in this document are valid for clock rise and fall times of 3 ns maximum.
Table 2-4
Internal Clocks
Characteristics
Symbol
Expression
Minimum
Maximum
Internal Operation Frequency
f
Internal Clock High Period
• with PLL disabled
• with PLL enabled and MF
≤ 4
• with PLL enabled and MF > 4
TH
ETH
0.48
× T
C
0.467
× T
C
0.52
× T
C
0.533
× T
C
Internal Clock Low Period
• with PLL disabled
• with PLL enabled and MF
≤ 4
• with PLL enabled and MF > 4
TL
ETL
0.48
× T
C
0.467
× T
C
0.52
× T
C
0.533
× T
C
Internal Clock Cycle Time
TC
(DF /MF)
× ETC
Instruction Cycle Time
ICYC
2
× T
C
Table 2-5
External Clock (EXTAL Pin)
No.
Characteristics
Sym.
50 MHz
66 MHz
81 MHz
Unit
Min
Max
Min
Max
Min
Max
Frequency of External Clock (EXTAL Pin)
Ef
0
50
0
66
0
81
MHz
1
External Clock Input High—EXTAL Pin1
• with PLL disabled
(46.7%–53.3% duty cycle)
• with PLL enabled
(42.5%–57.5% duty cycle)
ETH
9.3
8.5
∞
235500
7.1
6.4
∞
235500
5.8
5.2
∞
235500
ns
ns
2
External Clock Input Low—EXTAL Pin1
• with PLL disabled
(46.7%–53.3% duty cycle)
• with PLL enabled
(42.5%–57.5% duty cycle)
ETL
9.3
8.5
∞
235500
7.1
6.4
∞
235500
5.8
5.2
∞
235500
ns
ns
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com