Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56004ROM Datasheet(PDF) 81 Page - Freescale Semiconductor, Inc

Part # DSP56004ROM
Description  SYMPHONY AUDIO DSP FAMILY 24-BIT DIGITAL SIGNAL PROCESSORS
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56004ROM Datasheet(HTML) 81 Page - Freescale Semiconductor, Inc

Back Button DSP56004ROM Datasheet HTML 74Page - Freescale Semiconductor, Inc DSP56004ROM Datasheet HTML 75Page - Freescale Semiconductor, Inc DSP56004ROM Datasheet HTML 76Page - Freescale Semiconductor, Inc DSP56004ROM Datasheet HTML 77Page - Freescale Semiconductor, Inc DSP56004ROM Datasheet HTML 78Page - Freescale Semiconductor, Inc DSP56004ROM Datasheet HTML 79Page - Freescale Semiconductor, Inc DSP56004ROM Datasheet HTML 80Page - Freescale Semiconductor, Inc DSP56004ROM Datasheet HTML 81Page - Freescale Semiconductor, Inc DSP56004ROM Datasheet HTML 82Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 81 / 82 page
background image
MOTOROLA
DSP56004/D, Rev. 3
5-1
SECTION
5
ORDERING INFORMATION
Consult a Motorola Semiconductor sales office or authorized distributor to determine
product availability and to place an order.
Table 5-1
Ordering Information
Part
Supply
Voltage
Package Type
Pin Count
Frequency
(MHz)
Order Number
DSP56004
5 V
Quad Flat Pack
(QFP)
80
50
DSP56004FJ50
66
DSP56004FJ66
81
DSP56004FJ81
DSP56004ROM1
5 V
Quad Flat Pack
(QFP)
80
50
Customer Specific
66
Customer Specific
81
Customer Specific
Note:
1.
For additional information on future part development, or to request specific ROM-based support,
call your local Motorola Semiconductor sales office or authorized distributor.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com