Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56004ROM Datasheet(PDF) 59 Page - Freescale Semiconductor, Inc

Part # DSP56004ROM
Description  SYMPHONY AUDIO DSP FAMILY 24-BIT DIGITAL SIGNAL PROCESSORS
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56004ROM Datasheet(HTML) 59 Page - Freescale Semiconductor, Inc

Back Button DSP56004ROM Datasheet HTML 55Page - Freescale Semiconductor, Inc DSP56004ROM Datasheet HTML 56Page - Freescale Semiconductor, Inc DSP56004ROM Datasheet HTML 57Page - Freescale Semiconductor, Inc DSP56004ROM Datasheet HTML 58Page - Freescale Semiconductor, Inc DSP56004ROM Datasheet HTML 59Page - Freescale Semiconductor, Inc DSP56004ROM Datasheet HTML 60Page - Freescale Semiconductor, Inc DSP56004ROM Datasheet HTML 61Page - Freescale Semiconductor, Inc DSP56004ROM Datasheet HTML 62Page - Freescale Semiconductor, Inc DSP56004ROM Datasheet HTML 63Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 82 page
background image
Specifications
Serial Host Interface (SHI) I2C Protocol Timing
MOTOROLA
DSP56004/D, Rev. 3
2-35
189 First SCL Edge
to HREQ In Not
Asserted (HREQ
In Hold Time)
master
0
0—0—
0
—
ns
Note:
1.
CL is in pF, RP is in kΩ, and result is in ns.
2.
A tI2CCP of 34 × TC (the maximum permitted for the given bus load) was used for the calculations in the
Bypassed Filter mode.
A tI2CCP of 36 × TC (the maximum permitted for the given bus load) was used for the calculations in the
Narrow Filter mode.
A tI2CCP of 40 × TC (the maximum permitted for the given bus load) was used for the calculations in the Wide
Filter mode.
3.
A tI2CCP of 43 × TC (the maximum permitted for the given bus load) was used for the calculations in the
Bypassed Filter mode.
A tI2CCP of 46 × TC (the maximum permitted for the given bus load) was used for the calculations in the
Narrow Filter mode.
A tI2CCP of 51 × TC (the maximum permitted for the given bus load) was used for the calculations in the Wide
Filter mode.
4.
A tI2CCP of 52 × TC (the maximum permitted for the given bus load) was used for the calculations in the
Bypassed Filter mode.
A tI2CCP of 56 × TC (the maximum permitted for the given bus load) was used for the calculations in the
Narrow Filter mode.
A tI2CCP of 62 × TC (the maximum permitted for the given bus load) was used for the calculations in the Wide
Filter mode.
5.
Refer to the DSP56004 User’s Manual for a detailed description of how to use the filtering modes.
Figure 2-21 I2C Timing
Table 2-15
SHI Improved I2C Protocol Timing (Continued)
Improved I2C (CL = 50 pF, RP = 2 kΩ)
No.
Char.
Sym.
Mode
Filter
Mode
Expression
50 MHz2
66 MHz3
81 MHz4
U
n
i
t
Min Max Min Max Min Max
Start
SCL
HREQ
SDA
ACK
MSB
LSB
Stop
171
Stop
173
176
175
177
178
180
179
172
186
182
183
189
174
188
184
187
AA0275
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com