Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56004ROM Datasheet(PDF) 60 Page - Freescale Semiconductor, Inc

Part # DSP56004ROM
Description  SYMPHONY AUDIO DSP FAMILY 24-BIT DIGITAL SIGNAL PROCESSORS
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56004ROM Datasheet(HTML) 60 Page - Freescale Semiconductor, Inc

Back Button DSP56004ROM Datasheet HTML 56Page - Freescale Semiconductor, Inc DSP56004ROM Datasheet HTML 57Page - Freescale Semiconductor, Inc DSP56004ROM Datasheet HTML 58Page - Freescale Semiconductor, Inc DSP56004ROM Datasheet HTML 59Page - Freescale Semiconductor, Inc DSP56004ROM Datasheet HTML 60Page - Freescale Semiconductor, Inc DSP56004ROM Datasheet HTML 61Page - Freescale Semiconductor, Inc DSP56004ROM Datasheet HTML 62Page - Freescale Semiconductor, Inc DSP56004ROM Datasheet HTML 63Page - Freescale Semiconductor, Inc DSP56004ROM Datasheet HTML 64Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 82 page
background image
2-36
DSP56004/D, Rev. 3
MOTOROLA
Specifications
General Purpose I/O (GPIO) Timing
GENERAL PURPOSE I/O (GPIO) TIMING
(CL = 50 pF + 2 TTL Loads)
Table 2-16
GPIO Timing
No.
Characteristics
Expression
All frequencies
Unit
Min
Max
201
EXTAL Edge to GPIO Out Valid (GPIO Out Delay Time)
26
—
26
ns
202
EXTAL Edge to GPIO Out Not Valid (GPIO Out Hold
Time)
22
—
ns
203
GPIO In Valid to EXTAL Edge (GPIO In Set-up Time)
10
10
—
ns
204
EXTAL Edge to GPIO In Not Valid (GPIO In Hold Time)
6
6
—
ns
Figure 2-22 GPIO Timing
Valid
(Input)
GPIO0–
(Output)
EXTAL
(Input)
(Note 1)
Note:
1.
Valid when the ratio between EXTAL frequency and internal clock frequency equals 1
201
202
204
203
AA0276
GPIO3
GPIO0–
GPIO3
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com