Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56004ROM Datasheet(PDF) 56 Page - Freescale Semiconductor, Inc

Part # DSP56004ROM
Description  SYMPHONY AUDIO DSP FAMILY 24-BIT DIGITAL SIGNAL PROCESSORS
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56004ROM Datasheet(HTML) 56 Page - Freescale Semiconductor, Inc

Back Button DSP56004ROM Datasheet HTML 52Page - Freescale Semiconductor, Inc DSP56004ROM Datasheet HTML 53Page - Freescale Semiconductor, Inc DSP56004ROM Datasheet HTML 54Page - Freescale Semiconductor, Inc DSP56004ROM Datasheet HTML 55Page - Freescale Semiconductor, Inc DSP56004ROM Datasheet HTML 56Page - Freescale Semiconductor, Inc DSP56004ROM Datasheet HTML 57Page - Freescale Semiconductor, Inc DSP56004ROM Datasheet HTML 58Page - Freescale Semiconductor, Inc DSP56004ROM Datasheet HTML 59Page - Freescale Semiconductor, Inc DSP56004ROM Datasheet HTML 60Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 82 page
background image
2-32
DSP56004/D, Rev. 3
MOTOROLA
Specifications
Serial Host Interface (SHI) I2C Protocol Timing
Example:
for CL = 50 pF, RP = 2 kΩ, f = 88 MHz, Bypassed Filter mode: The master,
when operating with a DSP56004 SHI I2C slave with an 88 MHz operating frequency,
must generate a bus free time greater than 36 ns (T172 slave). Thus, the minimum
permissible tI2CCP is 56 × TC which gives a bus free time of at least 41 ns (T172 master).
This implies a maximum I2C serial frequency of 1010 kHz.
In general, bus performance may be calculated from the CL and RP of the bus, the
Input Filter modes and operating frequencies of the master and the slave. Table 2-15
contains the expressions required to calculate all relevant performance timing for a
given CL and RP.
Table 2-15
SHI Improved I2C Protocol Timing
Improved I2C (CL = 50 pF, RP = 2 kΩ)
No.
Char.
Sym.
Mode
Filter
Mode
Expression
50 MHz2
66 MHz3
81 MHz4
U
n
i
t
Min Max Min Max Min Max
— Tolerable Spike
Width on SCL or
SDA
bypassed
narrow
wide
0
20
100
—
—
—
0
20
100
—
—
—
0
20
100
—
—
—
0
20
100
ns
ns
ns
171 SCL Serial Clock
Cycle
tSCL
master
slave
bypassed
narrow
wide
bypassed
narrow
wide
tI2CCP + 3 ×
TC+72
+tr
tI2CCP + 3 × TC +
245 + tr
tI2CCP + 3 × TC +
535 + tr
4
× T
C + TH +
172 + tr
4
× T
C + TH +
366 + tr
4
× T
C + TH +
648 + tr
1050
1263
1593
500
694
976
—
—
—
—
—
—
1007
1225
1591
478
672
954
—
—
—
—
—
—
989
1212
1576
466
660
942
—
—
—
—
—
—
ns
ns
ns
ns
ns
ns
172 Bus Free Time
tBUF
master
slave
bypassed
narrow
wide
bypassed
narrow
wide
0.5
× t
I
2CCP –
42 – tr
0.5
× t
I
2CCP –
42 – tr
0.5
× t
I
2CCP –
42 – tr
2
× T
C + 11
2
× T
C + 35
2
× T
C + 70
60
80
100
51
75
110
—
—
—
—
—
—
46
68
102
41
65
100
—
—
—
—
—
—
41.1
65.8
103
35.7
59.7
94.7
—
—
—
—
—
—
ns
ns
ns
ns
ns
ns
173 Start Condition
Set-up Time
tSU;STA
slave
bypassed
narrow
wide
12
50
150
12
50
150
—
—
—
12
50
150
—
—
—
12
50
150
—
—
—
ns
ns
ns
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com