Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56004ROM Datasheet(PDF) 33 Page - Freescale Semiconductor, Inc

Part # DSP56004ROM
Description  SYMPHONY AUDIO DSP FAMILY 24-BIT DIGITAL SIGNAL PROCESSORS
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56004ROM Datasheet(HTML) 33 Page - Freescale Semiconductor, Inc

Back Button DSP56004ROM Datasheet HTML 29Page - Freescale Semiconductor, Inc DSP56004ROM Datasheet HTML 30Page - Freescale Semiconductor, Inc DSP56004ROM Datasheet HTML 31Page - Freescale Semiconductor, Inc DSP56004ROM Datasheet HTML 32Page - Freescale Semiconductor, Inc DSP56004ROM Datasheet HTML 33Page - Freescale Semiconductor, Inc DSP56004ROM Datasheet HTML 34Page - Freescale Semiconductor, Inc DSP56004ROM Datasheet HTML 35Page - Freescale Semiconductor, Inc DSP56004ROM Datasheet HTML 36Page - Freescale Semiconductor, Inc DSP56004ROM Datasheet HTML 37Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 82 page
background image
Specifications
External Memory Interface (EMI) DRAM Timing
MOTOROLA
DSP56004/D, Rev. 3
2-9
EXTERNAL MEMORY INTERFACE (EMI) DRAM TIMING
(CL = 50 pF + 2 TTL Loads)
Table 2-8
External Memory Interface (EMI) DRAM Timing
No.
Characteristics
Symbol
Timing
Mode
Expression
50 MHz
66 MHz
81 MHz
Unit
Min Max Min Max Min Max
41 Page Mode Cycle Time
tPC
slow
fast
4
× T
C
3
× T
C
80
60
—
—
61
46
—
—
49.4
37.0
—
—
ns
ns
42 RAS or RD Assertion to
Data Valid
tRAC,
tGA
slow
fast
7
× T
C – 16
5
× T
C – 16
—
—
124
84
—
—
90
60
—
—
70.4
45.7
ns
ns
43 CAS Assertion to Data
Valid
tCAC
slow
fast
3
× T
C – 10
2
× T
C – 10
—
—
50
30
—
—
35
20
—
—
27.0
14.7
ns
ns
44 Column Address Valid
to Data Valid
tAA
slow
fast
3
×T
C + TL – 7
2
× T
C + TL – 7
—
—
63
43
—
—
46
30
—
—
36.2
23.8
ns
ns
45 CAS Assertion to Data
Active
tCLZ
0
0—0—
0
—
ns
46 RAS Assertion Pulse
Width1
(Page Mode Access
Only)
tRASP
slow
fast
3
× T
C – 11 +
n
× 4 × T
C
2
× T
C –11 +
n
× 3 ×T
C
209
149
—
—
156
110
—
—
125
87.8
—
—
ns
ns
47 RAS Assertion Pulse
Width
(Single Access Only)
tRAS
slow
fast
7
× T
C – 11
5
× T
C – 11
129
89
—
—
95
65
—
—
75.4
50.8
—
—
ns
ns
48 RAS or CAS
Deassertation to RAS
Assertion
tRP, tCRP
slow
fast
5
× T
C – 5
3
× T
C – 5
95
55
—
—
70
40
—
—
56.7
32.0
—
—
ns
ns
49 CAS Assertion Pulse
Width
tCAS
slow
fast
3
× T
C – 10
2
× T
C – 10
50
30
—
—
35
20
—
—
27.0
14.7
—
—
ns
ns
50 Last CAS Assertion to
RAS Deassertation
(Page Mode Access
Only)
tRSH
slow
fast
3
× T
C – 15
2
× T
C – 15
45
25
—
—
30
15
—
—
22.0
9.7
—
—
ns
ns
51 RAS or WR Assertion to
CAS Deassertation
tCSH,
tCWL
slow
fast
7
× T
C – 15
5
× T
C – 15
125
85
—
—
91
61
—
—
71.4
46.7
—
—
ns
ns
52 RAS Assertion to CAS
Assertion
tRCD
slow
fast
4
× T
C – 13
3
× T
C – 13
67
47
—
—
47
32
—
—
36.4
24
—
—
ns
ns
53 RAS Assertion to
Column Address Valid
tRAD
slow
fast
3
×T
C + TH –
13
2
× T
C + TH –
13
57
37
—
—
40
25
—
—
30.2
17.9
—
—
ns
ns
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com