Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56004ROM Datasheet(PDF) 48 Page - Freescale Semiconductor, Inc

Part # DSP56004ROM
Description  SYMPHONY AUDIO DSP FAMILY 24-BIT DIGITAL SIGNAL PROCESSORS
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56004ROM Datasheet(HTML) 48 Page - Freescale Semiconductor, Inc

Back Button DSP56004ROM Datasheet HTML 44Page - Freescale Semiconductor, Inc DSP56004ROM Datasheet HTML 45Page - Freescale Semiconductor, Inc DSP56004ROM Datasheet HTML 46Page - Freescale Semiconductor, Inc DSP56004ROM Datasheet HTML 47Page - Freescale Semiconductor, Inc DSP56004ROM Datasheet HTML 48Page - Freescale Semiconductor, Inc DSP56004ROM Datasheet HTML 49Page - Freescale Semiconductor, Inc DSP56004ROM Datasheet HTML 50Page - Freescale Semiconductor, Inc DSP56004ROM Datasheet HTML 51Page - Freescale Semiconductor, Inc DSP56004ROM Datasheet HTML 52Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 82 page
background image
2-24
DSP56004/D, Rev. 3
MOTOROLA
Specifications
Serial Host Interface (SHI) SPI Protocol Timing
146 SS Assertion to First
SCK Edge CPHA = 0
CPHA = 1
slave
slave
bypassed
narrow
wide
bypassed
narrow
wide
TC + TH + 35
TC + TH + 35
TC + TH + 35
6
0
0
65
65
65
6
0
0
—
—
—
—
—
—
58
58
58
6
0
0
—
—
—
—
—
—
53.5
53.5
53.5
6
0
0
—
—
—
—
—
—
ns
ns
ns
ns
ns
ns
147 Last SCK Edge to SS
Not Asserted
CPHA = 0
CPHA = 13
slave
slave
bypassed
narrow
wide
bypassed
narrow
wide
TC + 6
TC + 70
TC + 197
2
66
193
26
90
217
2
66
193
—
—
—
—
—
—
21
85
212
2
66
193
—
—
—
—
—
—
18.3
82.4
209
2
66
193
—
—
—
—
—
—
ns
ns
ns
ns
ns
ns
148 Data In Valid to SCK
Edge (Data In Set-up
Time)
master
slave
bypassed
narrow
wide
bypassed
narrow
wide
0
MAX {(37 – TC),
0}
MAX {(52 – TC),
0}
0
MAX {(38 – TC),
0}
MAX {(53 – TC),
0}
0
17
32
0
18
33
—
—
—
—
—
—
0
22
37
0
23
38
—
—
—
—
—
—
0
25
40
0
26
41
—
—
—
—
—
—
ns
ns
ns
ns
ns
ns
149 SCK Edge to Data In
Not Valid
(Data In Hold Time)
master
slave
bypassed
narrow
wide
bypassed
narrow
wide
2
× T
C + 17
2
× T
C + 18
2
× T
C + 28
2
× T
C + 17
2
× T
C + 18
2
× T
C + 28
57
58
68
57
58
68
—
—
—
—
—
—
47
48
58
47
48
58
—
—
—
—
—
—
41.7
42.7
52.7
41.7
42.7
52.7
—
—
—
—
—
—
ns
ns
ns
ns
ns
ns
150 SS Assertion to Data
Out Active
slave
4
4—4—
4
—
ns
151 SS Deassertation to
Data high impedance4
slave
24
—
24
—
24
—
24
ns
152 SCK Edge to Data Out
Valid (Data Out Delay
Time)
CPHA = 0, CPHA = 12
CPHA = 1
master
slave
slave
bypassed
narrow
wide
bypassed
narrow
wide
bypassed
narrow
wide
41
214
504
41
214
504
TC + TH + 40
TC + TH + 216
TC + TH + 511
—
—
—
—
—
—
—
—
—
41
214
504
41
214
504
70
246
541
—
—
—
—
—
—
—
—
—
41
214
504
41
214
504
63
239
534
—
—
—
—
—
—
—
—
—
41
214
504
41
214
504
58.5
235
530
ns
ns
ns
ns
ns
ns
ns
ns
ns
Table 2-12
Serial Host Interface (SHI) SPI Protocol Timing (Continued)
No.
Characteristics
Mode
Filter
Mode
Expression
50 MHz
66 MHz
81 MHz
Unit
Min Max Min Max Min
Max
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com