Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56004ROM Datasheet(PDF) 7 Page - Freescale Semiconductor, Inc

Part # DSP56004ROM
Description  SYMPHONY AUDIO DSP FAMILY 24-BIT DIGITAL SIGNAL PROCESSORS
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56004ROM Datasheet(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button DSP56004ROM Datasheet HTML 3Page - Freescale Semiconductor, Inc DSP56004ROM Datasheet HTML 4Page - Freescale Semiconductor, Inc DSP56004ROM Datasheet HTML 5Page - Freescale Semiconductor, Inc DSP56004ROM Datasheet HTML 6Page - Freescale Semiconductor, Inc DSP56004ROM Datasheet HTML 7Page - Freescale Semiconductor, Inc DSP56004ROM Datasheet HTML 8Page - Freescale Semiconductor, Inc DSP56004ROM Datasheet HTML 9Page - Freescale Semiconductor, Inc DSP56004ROM Datasheet HTML 10Page - Freescale Semiconductor, Inc DSP56004ROM Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 82 page
background image
MOTOROLA
DSP56004/D, Rev. 3
1-1
SECTION
1
SIGNAL/CONNECTION DESCRIPTIONS
SIGNAL GROUPINGS
The DSP56004 input and output signals are organized into the nine functional
groups, as shown in Table 1-1. The individual signals are illustrated in Figure 1-1.
Table 1-1
DSP56004 Functional Group Signal Allocations
Functional Group
Number of Signals
Detailed Description
Power (VCC)9
Table 1-2
Ground (GND)
13
Table 1-3
Phase Lock Loop (PLL)
3
Table 1-4
External Memory Interface (EMI)
29
Table 1-5 and
Table 1-6
Interrupt and Mode Control
4
Table 1-7
Serial Host Interface (SHI)
5
Table 1-8
Serial Audio Interface (SAI)
9
Table 1-9 and
Table 1-10
General Purpose Input/Output (GPIO)
4
Table 1-11
On-Chip Emulation (OnCE) port
4
Table 1-12
Total
80
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com