Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56004ROM Datasheet(PDF) 47 Page - Freescale Semiconductor, Inc

Part # DSP56004ROM
Description  SYMPHONY AUDIO DSP FAMILY 24-BIT DIGITAL SIGNAL PROCESSORS
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56004ROM Datasheet(HTML) 47 Page - Freescale Semiconductor, Inc

Back Button DSP56004ROM Datasheet HTML 43Page - Freescale Semiconductor, Inc DSP56004ROM Datasheet HTML 44Page - Freescale Semiconductor, Inc DSP56004ROM Datasheet HTML 45Page - Freescale Semiconductor, Inc DSP56004ROM Datasheet HTML 46Page - Freescale Semiconductor, Inc DSP56004ROM Datasheet HTML 47Page - Freescale Semiconductor, Inc DSP56004ROM Datasheet HTML 48Page - Freescale Semiconductor, Inc DSP56004ROM Datasheet HTML 49Page - Freescale Semiconductor, Inc DSP56004ROM Datasheet HTML 50Page - Freescale Semiconductor, Inc DSP56004ROM Datasheet HTML 51Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 82 page
background image
Specifications
Serial Host Interface (SHI) SPI Protocol Timing
MOTOROLA
DSP56004/D, Rev. 3
2-23
SERIAL HOST INTERFACE (SHI) SPI PROTOCOL TIMING
(CL = 50 pF; VIHS = 0.7 × VCC, VILS = 0.3 × VCC)
Table 2-12
Serial Host Interface (SHI) SPI Protocol Timing
No.
Characteristics
Mode
Filter
Mode
Expression
50 MHz
66 MHz
81 MHz
Unit
Min Max Min Max Min
Max
Tolerable Spike Width
on Clock or Data In
bypassed
narrow
wide
—
—
—
0
20
100
—
—
—
0
20
100
—
—
—
0
20
100
ns
ns
ns
141 Minimum Serial
Clock Cycle =
tSPICC(min)
For frequency below
33 MHz1
For frequency above
33 MHz1
CPHA = 0, CPHA = 12
CPHA = 1
master
slave
slave
bypassed
bypassed
narrow
wide
bypassed
narrow
wide
bypassed
narrow
wide
4
× T
C
6
× T
C
1000
2000
3
× T
C
3
× T
C+ 25
3
× T
C + 85
3
× T
C + 79
3
× T
C + 431
3
× T
C + 1022
—
120
1000
2000
60
85
145
139
491
1082
—
—
—
—
—
—
—
—
—
—
—
91
1000
2000
45
70
130
124
476
1067
—
—
—
—
—
—
—
—
—
—
—
74.1
1000
2000
37
62
122
116
468
1059
—
—
—
—
—
—
—
—
—
—
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
142 Serial Clock High
Period
CPHA = 0, CPHA = 12
CPHA = 1
master
slave
slave
bypassed
narrow
wide
bypassed
narrow
wide
0.5
× t
SPICC –10
TC + 8
TC + 31
TC + 43
TC + TH + 40
TC + TH + 216
TC + TH + 511
50
28
51
63
70
246
541
—
—
—
—
—
—
—
35
23
46
58
63
239
534
—
—
—
—
—
—
—
27.0
20.3
43.3
55.3
58.5
235
530
—
—
—
—
—
—
—
ns
ns
ns
ns
ns
ns
ns
143 Serial Clock Low
Period
CPHA = 0, CPHA = 12
CPHA = 1
master
slave
slave
bypassed
narrow
wide
bypassed
narrow
wide
0.5
× t
SPICC –10
TC + 8
TC + 31
TC + 43
TC + TH + 40
TC + TH + 216
TC + TH + 511
50
28
51
63
70
246
541
—
—
—
—
—
—
—
35
23
46
58
63
239
534
—
—
—
—
—
—
—
27.0
20.3
43.3
55.3
58.5
235
550
—
—
—
—
—
—
—
ns
ns
ns
ns
ns
ns
ns
144 Serial Clock Rise/Fall
Time
master
slave
10
2000
—
—
10
2000
—
—
10
2000
—
—
10
2000
ns
ns
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com