Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56004ROM Datasheet(PDF) 28 Page - Freescale Semiconductor, Inc

Part # DSP56004ROM
Description  SYMPHONY AUDIO DSP FAMILY 24-BIT DIGITAL SIGNAL PROCESSORS
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56004ROM Datasheet(HTML) 28 Page - Freescale Semiconductor, Inc

Back Button DSP56004ROM Datasheet HTML 24Page - Freescale Semiconductor, Inc DSP56004ROM Datasheet HTML 25Page - Freescale Semiconductor, Inc DSP56004ROM Datasheet HTML 26Page - Freescale Semiconductor, Inc DSP56004ROM Datasheet HTML 27Page - Freescale Semiconductor, Inc DSP56004ROM Datasheet HTML 28Page - Freescale Semiconductor, Inc DSP56004ROM Datasheet HTML 29Page - Freescale Semiconductor, Inc DSP56004ROM Datasheet HTML 30Page - Freescale Semiconductor, Inc DSP56004ROM Datasheet HTML 31Page - Freescale Semiconductor, Inc DSP56004ROM Datasheet HTML 32Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 82 page
background image
2-4
DSP56004/D, Rev. 3
MOTOROLA
Specifications
AC Electrical Characteristics
AC ELECTRICAL CHARACTERISTICS
The timing waveforms in the AC Electrical Characteristics are tested with a VIL
maximum of 0.5 V and a VIH minimum of 2.4 V for all pins, except EXTAL, RESET,
MODA, MODB, MODC, and SHI pins (MOSI/HA0, SS/HA2, MISO/SDA, SCK/
SCL, HREQ). These pins are tested using the input levels set forth in the DC Electrical
Characteristics. AC timing specifications that are referenced to a device input signal
are measured in production with respect to the 50% point of the respective input
signal’s transition. DSP56004 output levels are measured with the production test
machine VOL and VOH reference levels set at 0.8 V and 2.0 V, respectively.
All output delays are given for a 50 pF load unless otherwise specified.
For load capacitance greater than 50 pF, the drive capability of the output pins
typically decreases linearly:
1. At 1.5 ns per 10 pF of additional capacitance at all output pins except MOSI/
HA0, MISO/SDA, SCK/SCL, HREQ
2. At 1.0 ns per 10 pF of additional capacitance at output pins MOSI/HA0,
MISO/SDA, SCK/SCL, HREQ (in SPI mode only)
PLL supply current
—
0.7
1.1
—
1.0
1.5
—
1.2
2.0
mA
Input capacitance3
CIN
—
10
—
—
10
—
—10—
pF
Notes:
1.
The SHI inputs are: MOSI/HA0, SS/HA2, MISO/SDA, SCK/SCL, and HREQ.
2.
In order to obtain these results, all inputs must be terminated (i.e., not allowed to float). PLL signals are
disabled during Stop state.
3.
Periodically sampled and not 100% tested
4.
Maximum values are derived using the methodology described in Section 4. Actual maximums are
application dependent and may vary widely from these numbers.
Table 2-3
DC Electrical Characteristics
Characteristics
Symbol
50 MHz
66 MHz
81 MHz
Unit
Min Typ Max
Min Typ Max
Min
Typ
Max
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com