Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56004ROM Datasheet(PDF) 75 Page - Freescale Semiconductor, Inc

Part # DSP56004ROM
Description  SYMPHONY AUDIO DSP FAMILY 24-BIT DIGITAL SIGNAL PROCESSORS
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56004ROM Datasheet(HTML) 75 Page - Freescale Semiconductor, Inc

Back Button DSP56004ROM Datasheet HTML 71Page - Freescale Semiconductor, Inc DSP56004ROM Datasheet HTML 72Page - Freescale Semiconductor, Inc DSP56004ROM Datasheet HTML 73Page - Freescale Semiconductor, Inc DSP56004ROM Datasheet HTML 74Page - Freescale Semiconductor, Inc DSP56004ROM Datasheet HTML 75Page - Freescale Semiconductor, Inc DSP56004ROM Datasheet HTML 76Page - Freescale Semiconductor, Inc DSP56004ROM Datasheet HTML 77Page - Freescale Semiconductor, Inc DSP56004ROM Datasheet HTML 78Page - Freescale Semiconductor, Inc DSP56004ROM Datasheet HTML 79Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 82 page
background image
MOTOROLA
DSP56004/D, Rev. 3
4-1
SECTION
4
DESIGN CONSIDERATIONS
THERMAL DESIGN CONSIDERATIONS
An estimation of the chip junction temperature, TJ, in °C can be obtained from the
equation:
Equation 1:
Where:
TA = ambient temperature ˚C
RθJA = package junction-to-ambient thermal resistance ˚C/W
PD = power dissipation in package
Historically, thermal resistance has been expressed as the sum of a junction-to-case
thermal resistance and a case-to-ambient thermal resistance:
Equation 2:
Where:
RθJA = package junction-to-ambient thermal resistance ˚C/W
RθJC = package junction-to-case thermal resistance ˚C/W
RθCA = package case-to-ambient thermal resistance ˚C/W
RθJC is device-related and cannot be influenced by the user. The user controls the
thermal environment to change the case-to-ambient thermal resistance, RθCA. For
example, the user can change the air flow around the device, add a heat sink, change
the mounting arrangement on the Printed Circuit Board, or otherwise change the
thermal dissipation capability of the area surrounding the device on a Printed Circuit
Board. This model is most useful for ceramic packages with heat sinks; some 90% of
the heat flow is dissipated through the case to the heat sink and out to the ambient
environment. For ceramic packages, in situations where the heat flow is split between
a path to the case and an alternate path through the Printed Circuit Board, analysis of
the device thermal performance may need the additional modeling capability of a
system level thermal simulation tool.
T
J
T
A
P
D
RθJA
×
()
+
=
RθJA
RθJC RθCA
+
=
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com