Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56004ROM Datasheet(PDF) 49 Page - Freescale Semiconductor, Inc

Part # DSP56004ROM
Description  SYMPHONY AUDIO DSP FAMILY 24-BIT DIGITAL SIGNAL PROCESSORS
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56004ROM Datasheet(HTML) 49 Page - Freescale Semiconductor, Inc

Back Button DSP56004ROM Datasheet HTML 45Page - Freescale Semiconductor, Inc DSP56004ROM Datasheet HTML 46Page - Freescale Semiconductor, Inc DSP56004ROM Datasheet HTML 47Page - Freescale Semiconductor, Inc DSP56004ROM Datasheet HTML 48Page - Freescale Semiconductor, Inc DSP56004ROM Datasheet HTML 49Page - Freescale Semiconductor, Inc DSP56004ROM Datasheet HTML 50Page - Freescale Semiconductor, Inc DSP56004ROM Datasheet HTML 51Page - Freescale Semiconductor, Inc DSP56004ROM Datasheet HTML 52Page - Freescale Semiconductor, Inc DSP56004ROM Datasheet HTML 53Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 82 page
background image
Specifications
Serial Host Interface (SHI) SPI Protocol Timing
MOTOROLA
DSP56004/D, Rev. 3
2-25
153 SCK Edge to Data Out
Not Valid
(Data Out Hold Time)
master
slave
bypassed
narrow
wide
bypassed
narrow
wide
0
57
163
0
57
163
0
57
163
0
57
163
—
—
—
—
—
—
0
57
163
0
57
163
—
—
—
—
—
—
0
57
163
0
57
163
—
—
—
—
—
—
ns
ns
ns
ns
ns
ns
154 SS Assertion to Data
Out Valid
CPHA = 0
slave
TC + TH + 35
—
65
—
58
—
53.5
ns
157 First SCK Sampling
Edge to HREQ
Output Deassertation
slave
bypassed
narrow
wide
3
× T
C + TH + 32
3
× T
C + TH +
209
3
× T
C + TH +
507
—
—
—
102
279
577
—
—
—
85
262
560
—
—
—
75
252
550
ns
ns
ns
158 Last SCK Sampling
Edge to HREQ
Output Not
Deasserted
CPHA = 1
slave
bypassed
narrow
wide
2
× T
C + TH + 6
2
× T
C + TH + 63
2
× T
C + TH +
169
56
113
219
—
—
—
44
101
207
—
—
—
36.9
93.9
200
—
—
—
ns
ns
ns
159 SS Deassertation to
HREQ Output Not
Deasserted
CPHA = 0
slave
2
× T
C + TH + 7
57
45
37.9
ns
160 SS Deassertation
Pulse Width CPHA =
0
slave
TC + 4
24
—
19
—
16.3
—
ns
161 HREQ In Assertion to
First SCK Edge
master
0.5
× t
SPICC+
2
× T
C + 6
106
—
82
—
67.7
—
ns
162 HREQ In
Deassertation to Last
SCK Sampling Edge
(HREQ In Set-up
Time) CPHA = 1
master
0
0—0—
0
—
ns
Table 2-12
Serial Host Interface (SHI) SPI Protocol Timing (Continued)
No.
Characteristics
Mode
Filter
Mode
Expression
50 MHz
66 MHz
81 MHz
Unit
Min Max Min Max Min
Max
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com