Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56004ROM Datasheet(PDF) 41 Page - Freescale Semiconductor, Inc

Part # DSP56004ROM
Description  SYMPHONY AUDIO DSP FAMILY 24-BIT DIGITAL SIGNAL PROCESSORS
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56004ROM Datasheet(HTML) 41 Page - Freescale Semiconductor, Inc

Back Button DSP56004ROM Datasheet HTML 37Page - Freescale Semiconductor, Inc DSP56004ROM Datasheet HTML 38Page - Freescale Semiconductor, Inc DSP56004ROM Datasheet HTML 39Page - Freescale Semiconductor, Inc DSP56004ROM Datasheet HTML 40Page - Freescale Semiconductor, Inc DSP56004ROM Datasheet HTML 41Page - Freescale Semiconductor, Inc DSP56004ROM Datasheet HTML 42Page - Freescale Semiconductor, Inc DSP56004ROM Datasheet HTML 43Page - Freescale Semiconductor, Inc DSP56004ROM Datasheet HTML 44Page - Freescale Semiconductor, Inc DSP56004ROM Datasheet HTML 45Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 82 page
background image
Specifications
External Memory Interface (EMI) SRAM Timing
MOTOROLA
DSP56004/D, Rev. 3
2-17
EXTERNAL MEMORY INTERFACE (EMI) SRAM TIMING
(CL = 50 pF + 2 TTL Loads)
Figure 2-12 CAS before RAS Refresh Cycle
Table 2-10
External Memory Interface (EMI) SRAM Timing
No.
Characteristics
Symbol
Expression
50 MHz
66 MHz
81 MHz
Unit
Min Max Min Max Min Max
91 Address Valid and CS
Assertion Pulse Width
tRC, tWC
4
× T
C – 11 +
Ws
× T
C
69
—
50
—
38.4
—
ns
92 Address Valid to RD or WR
Assertion
tAS
TC + TL – 13
17
—
10
—
5.5
—
ns
93 RD or WR Assertion Pulse
Width
tWP
2
× T
C – 5 +
Ws
× T
C
35—23—
20
—
ns
94 RD or WR Deassertation to
RD or WR Assertion
—2
× T
C – 11
29
—
19
—
13.7
—
ns
95 RD or WR Deassertation to
Address not Valid
tWR
TH – 6
4—2—
0.2
—
ns
96 Address Valid to Input Data
Valid
tAA, tAC 3 × TC + TL –15 +
Ws
× T
C
—
55
—
38
—
28.2
ns
97 RD Assertion to Input Data
Valid
tOE
2
× T
C – 15 +
Ws
× T
C
—25—15
—
9.7
ns
MRAS
MCAS
Data In
MD0–MD7
83
81
84
85
88
82
87
89
86
AA0266
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com