Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8734 Datasheet(PDF) 34 Page - Wolfson Microelectronics plc

Part # WM8734
Description  Stereo Audio CODEC
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8734 Datasheet(HTML) 34 Page - Wolfson Microelectronics plc

Back Button WM8734 Datasheet HTML 30Page - Wolfson Microelectronics plc WM8734 Datasheet HTML 31Page - Wolfson Microelectronics plc WM8734 Datasheet HTML 32Page - Wolfson Microelectronics plc WM8734 Datasheet HTML 33Page - Wolfson Microelectronics plc WM8734 Datasheet HTML 34Page - Wolfson Microelectronics plc WM8734 Datasheet HTML 35Page - Wolfson Microelectronics plc WM8734 Datasheet HTML 36Page - Wolfson Microelectronics plc WM8734 Datasheet HTML 37Page - Wolfson Microelectronics plc WM8734 Datasheet HTML 38Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 46 page
background image
WM8734
Production Data
w
PD Rev 4.1 November 2006
34
A stop condition is defined when there is a low to high transition on SDIN while SCLK is high. If a
start or stop condition is detected out of sequence at any point in the data transfer then the device
will jump to the idle condition.
After receiving a complete address and data sequence the WM8734 returns to the idle state and
waits for another start condition. Each write to a register requires the complete sequence of start
condition, device address and R/W bit followed by the 16 register address and data bits.
Note that the 16 bit control word is made up of 7 address bits, B[15:9], and 9 data bits, B[8:0].
These are transmitted as 2 blocks of 8 bits. The first block contains 7 address bits and the data
HSB. The second block contains the 8 data LSBs.
POWER DOWN MODES
The WM8734 contains power conservation modes in which various circuit blocks may be safely
powered down in order to conserve power. This is software programmable as shown in the table
below.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
0
LINEINPD
1
Line Input Power Down
1 = Enable Power Down
0 = Disable Power Down
2
ADCPD
1
ADC Power Down
1 = Enable Power Down
0 = Disable Power Down
3
DACPD
1
DAC Power Down
1 = Enable Power Down
0 = Disable Power Down
4
OUTPD
1
Line Output Power Down
1 = Enable Power Down
0 = Disable Power Down
0000110
Power Down
Control
7
POWEROFF
1
Power Off Device
1 = Device Power Off
0 = Device Power On
Table 18 Power Conservation Modes Software Control
When writing to the powerdown register bits 1,5 and 6 should be set to ‘1’.
The power down control can be used to either a) permanently disable functions when not required in
certain applications or b) to dynamically power up and down functions depending on the operating
mode, e.g.: during playback or record. Please follow the special instructions below if dynamic
implementations are being used.
LINEINPD: Simultaneously powers down both the Line Inputs. This can be done dynamically without
any audible effects either on the ADC or to the Line Outputs in Bypass mode. This is of use when the
device enters Playback, Pause or Stop modes or the Microphone input has been selected.
ADCPD: Powers down the ADC and ADC Filters. If this is done dynamically then audible pops will
result if any signals were present through the ADC. To overcome this whenever the ADC is to be
powered down, either mute the Microphone Input (MUTEIN) or MUTELINEIN, then change ADCPD.
This is of use when the device enters Playback, Pause or Stop modes regardless of whether
Microphone or Line Inputs are selected.
DACPD: Powers down the DAC and DAC Digital Filters. If this is done dynamically then audible pops
will result unless the following guidelines are followed. In order to prevent pops, the DAC should first
be soft-muted (DACMU), the output should then be de-selected from the line and headphone output
(DACSEL), then the DAC powered down (DACPD). This is of use when the device enters Record,
Pause, Stop or Bypass modes.
The device can be put into a standby mode (STANDBY) by powering down all the audio circuitry
under software control as shown in Table 18. Provision has been made to independently power off
these areas according to Table 19.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com