Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8734 Datasheet(PDF) 20 Page - Wolfson Microelectronics plc

Part # WM8734
Description  Stereo Audio CODEC
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8734 Datasheet(HTML) 20 Page - Wolfson Microelectronics plc

Back Button WM8734 Datasheet HTML 16Page - Wolfson Microelectronics plc WM8734 Datasheet HTML 17Page - Wolfson Microelectronics plc WM8734 Datasheet HTML 18Page - Wolfson Microelectronics plc WM8734 Datasheet HTML 19Page - Wolfson Microelectronics plc WM8734 Datasheet HTML 20Page - Wolfson Microelectronics plc WM8734 Datasheet HTML 21Page - Wolfson Microelectronics plc WM8734 Datasheet HTML 22Page - Wolfson Microelectronics plc WM8734 Datasheet HTML 23Page - Wolfson Microelectronics plc WM8734 Datasheet HTML 24Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 46 page
background image
WM8734
Production Data
w
PD Rev 4.1 November 2006
20
FROM DIGITAL
AUDIO
INTERFACE
MUTE
DIGITAL
INTERPOLATION
FILTER
TO LINE
OUTPUTS
DIGITAL
DE_EMPHASIS
DEEMP
DACMU
Figure 12 DAC Filter Schematic
The DAC digital filter can apply digital de-emphasis under software control, as shown in Table 3. The
DAC can also perform a soft mute where the audio data is digitally brought to a mute level. This
removes any abrupt step changes in the audio that might otherwise result in audible clicks in the
audio outputs.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
2:1
DEEMP[1:0]
00
De-emphasis Control
(Digital)
11 = 48kHz
10 = 44.1kHz
01 = 32kHz
00 = Disable
0000101
Digital Audio
Path Control
3
DACMU
1
DAC Soft Mute Control
(Digital)
1 = Enable soft mute
0 = Disable soft mute
Table 3 DAC Software Control
DAC
The WM8734 employs a multi-bit sigma delta oversampling digital to analogue converter. The
scheme for the converter is illustrated in Figure 13.
FROM DAC
DIGITAL
FILTERS
TO LINE OUTPUT
Figure 13 Multi-Bit Oversampling Sigma Delta Schematic
The DAC converts the multi-level digital audio data stream from the DAC digital filters into high
quality analogue audio.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com