Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8734 Datasheet(PDF) 6 Page - Wolfson Microelectronics plc

Part # WM8734
Description  Stereo Audio CODEC
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8734 Datasheet(HTML) 6 Page - Wolfson Microelectronics plc

Back Button WM8734 Datasheet HTML 2Page - Wolfson Microelectronics plc WM8734 Datasheet HTML 3Page - Wolfson Microelectronics plc WM8734 Datasheet HTML 4Page - Wolfson Microelectronics plc WM8734 Datasheet HTML 5Page - Wolfson Microelectronics plc WM8734 Datasheet HTML 6Page - Wolfson Microelectronics plc WM8734 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8734 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8734 Datasheet HTML 9Page - Wolfson Microelectronics plc WM8734 Datasheet HTML 10Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 46 page
background image
WM8734
Production Data
w
PD Rev 4.1 November 2006
6
PIN DESCRIPTION - QFN
PIN
NAME
TYPE
DESCRIPTION
1
MCLK
Digital Input
Master Clock Input (MCLK)
2
NC
Do Not Connect
Test Pin, must be left unconnected
3
DCVDD
Supply
Digital Core VDD
4
DGND
Ground
Digital GND
5
DBVDD
Supply
Digital Buffers VDD
6
NC
Do Not Connect
Test Pin, must be left unconnected
7
BCLK
Digital Input/Output
Digital Audio Bit Clock, Pull Down, (see Note 1)
8
DACDAT
Digital Input
DAC Digital Audio Data Input
9
DACLRC
Digital Input/Output
DAC Sample Rate Left/Right Clock. Pull Down (see Note 1)
10
ADCDAT
Digital Output
ADC Digital Audio Data Output
11
ADCLRC
Digital Input/Output
ADC Sample Rate Left/Right Clock, Pull Down (see Note 1)
12
NC
Do Not Connect
Test Pin, must be left unconnected
13
NC
Do Not Connect
Test Pin, must be left unconnected
14
NC
Do Not Connect
Test Pin, must be left unconnected
15
NC
Do Not Connect
Test Pin, must be left unconnected
16
LOUT
Analogue Output
Left Channel Line Output
17
ROUT
Analogue Output
Right Channel Line Output
18
AVDD
Supply
Analogue VDD
19
AGND
Ground
Analogue GND
20
VMID
Analogue Output
Mid-rail reference decoupling point
21
NC
Do Not Connect
Test Pin, must be left unconnected
22
NC
Do Not Connect
Test Pin, must be left unconnected
23
RLINEIN
Analogue Input
Right Channel Line Input (AC coupled)
24
LLINEIN
Analogue Input
Left Channel Line Input (AC coupled)
25
MODE
Digital Input
Control Interface Selection, Pull Up (see Note 1)
26
CSB
Digital Input
3-Wire MPU Chip Select / 2-Wire MPU interface address selection, active low,
Pull up (see Note 1)
27
SDIN
Digital Input/Output
3-Wire MPU Data Input / 2-Wire MPU Data Input
28
SCLK
Digital Input
3-Wire MPU Clock Input / 2-Wire MPU Clock Input
Note: It is recommended that the QFN ground paddle is connected to analogue ground on the application PCB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com