Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8734 Datasheet(PDF) 11 Page - Wolfson Microelectronics plc

Part # WM8734
Description  Stereo Audio CODEC
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8734 Datasheet(HTML) 11 Page - Wolfson Microelectronics plc

Back Button WM8734 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8734 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8734 Datasheet HTML 9Page - Wolfson Microelectronics plc WM8734 Datasheet HTML 10Page - Wolfson Microelectronics plc WM8734 Datasheet HTML 11Page - Wolfson Microelectronics plc WM8734 Datasheet HTML 12Page - Wolfson Microelectronics plc WM8734 Datasheet HTML 13Page - Wolfson Microelectronics plc WM8734 Datasheet HTML 14Page - Wolfson Microelectronics plc WM8734 Datasheet HTML 15Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 46 page
background image
WM8734
Production Data
w
PD Rev 4.1 November 2006
11
MASTER CLOCK TIMING
MCLK
t
MCLKL
t
MCLKH
t MCLKY
Figure 1 System Clock Timing Requirements
Test Conditions
AVDD, DBVDD = 3.3V, AGND = 0V, DCVDD = 3.3V, DGND = 0V, TA = +25
oC, Slave Mode, fs = 48kHz, MCLK = 256fs unless
otherwise stated.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
System Clock Timing Information
MCLK System clock pulse width high
TXTIH
18
ns
MCLK System clock pulse width low
TXTIL
18
ns
MCLK System clock cycle time
TXTIY
54
ns
MCLK Duty cycle
40:60
60:40
DIGITAL AUDIO INTERFACE – MASTER MODE
BCLK
ADCDAT
ADCLRC
DACDAT
DACLRC
WM8734
CODEC
DSP
ENCODER/
DECODER
Figure 2 Master Mode Connection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com