Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8734 Datasheet(PDF) 12 Page - Wolfson Microelectronics plc

Part # WM8734
Description  Stereo Audio CODEC
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8734 Datasheet(HTML) 12 Page - Wolfson Microelectronics plc

Back Button WM8734 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8734 Datasheet HTML 9Page - Wolfson Microelectronics plc WM8734 Datasheet HTML 10Page - Wolfson Microelectronics plc WM8734 Datasheet HTML 11Page - Wolfson Microelectronics plc WM8734 Datasheet HTML 12Page - Wolfson Microelectronics plc WM8734 Datasheet HTML 13Page - Wolfson Microelectronics plc WM8734 Datasheet HTML 14Page - Wolfson Microelectronics plc WM8734 Datasheet HTML 15Page - Wolfson Microelectronics plc WM8734 Datasheet HTML 16Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 46 page
background image
WM8734
Production Data
w
PD Rev 4.1 November 2006
12
BCLK
(Output)
ADCDAT
ADCLRC
DAC/LRC
(Outputs)
t
DL
DACDAT
t
DDA
t
DHT
t
DST
Figure 3 Digital Audio Data Timing – Master Mode
Test Conditions
AVDD, DBVDD = 3.3V, AGND = 0V, DCVDD = 3.3V, DGND = 0V, TA = +25
oC, Slave Mode, fs = 48kHz, MCLK = 256fs unless
otherwise stated.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Audio Data Input Timing Information
ADCLRC/DACLRC
propagation delay from
BCLK falling edge
tDL
0
10
ns
ADCDAT propagation delay
from BCLK falling edge
tDDA
0
15
ns
DACDAT setup time to
BCLCK rising edge
tDST
10
ns
DACDAT hold time from
BCLK rising edge
tDHT
10
ns
DIGITAL AUDIO INTERFACE – SLAVE MODE
BCLK
ADCDAT
ADCLRC
DACDAT
DACLRC
WM8734
CODEC
DSP
ENCODER/
DECODER
Figure 4 Slave Mode Connection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com