Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8734 Datasheet(PDF) 10 Page - Wolfson Microelectronics plc

Part # WM8734
Description  Stereo Audio CODEC
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8734 Datasheet(HTML) 10 Page - Wolfson Microelectronics plc

Back Button WM8734 Datasheet HTML 6Page - Wolfson Microelectronics plc WM8734 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8734 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8734 Datasheet HTML 9Page - Wolfson Microelectronics plc WM8734 Datasheet HTML 10Page - Wolfson Microelectronics plc WM8734 Datasheet HTML 11Page - Wolfson Microelectronics plc WM8734 Datasheet HTML 12Page - Wolfson Microelectronics plc WM8734 Datasheet HTML 13Page - Wolfson Microelectronics plc WM8734 Datasheet HTML 14Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 46 page
background image
WM8734
Production Data
w
PD Rev 4.1 November 2006
10
POWER CONSUMPTION (EXAMPLES)
CURRENT CONSUMPTION
TYPICAL
MODE DESCRIPTION
POWEROFF
OUTPD
DACPD
ADCPD
LINEINPD
AVDD
(3.3V)
DCVDD
(1.5V)
DBVDD
(3.3V)
UNITS
Record and Playback
0
0
0
0
0
12.2
3.2
0.07
mA
Playback Only
0
0
0
1
1
3.3
2.3
0.07
mA
Record Only
0
1
1
0
0
9.2
2.6
0.07
mA
Standby (clock running)
0
1
1
1
1
16
77
65
µA
Standby (clock stopped)
1
1
1
1
16
0.3
0.2
µA
Power Down
(clock running)
1
1
1
1
1
0.3
77
65
µA
Power Down
(clock stopped)
1
1
1
1
1
0.3
0.3
0.3
µA
Notes:
1.
The data presented here was measured with the audio interface in slave mode (MS = 0)
2.
All figures are quiescent, with no signal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com