Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8734 Datasheet(PDF) 1 Page - Wolfson Microelectronics plc

Part # WM8734
Description  Stereo Audio CODEC
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8734 Datasheet(HTML) 1 Page - Wolfson Microelectronics plc

  WM8734 Datasheet HTML 1Page - Wolfson Microelectronics plc WM8734 Datasheet HTML 2Page - Wolfson Microelectronics plc WM8734 Datasheet HTML 3Page - Wolfson Microelectronics plc WM8734 Datasheet HTML 4Page - Wolfson Microelectronics plc WM8734 Datasheet HTML 5Page - Wolfson Microelectronics plc WM8734 Datasheet HTML 6Page - Wolfson Microelectronics plc WM8734 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8734 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8734 Datasheet HTML 9Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 46 page
background image
w
WM8734
Stereo Audio CODEC
WOLFSON MICROELECTRONICS plc
To receive regular email updates, sign up at http://www.wolfsonmicro.com/enews/
Production Data, November 2006, Rev 4.1
Copyright
2006 Wolfson Microelectronics plc
DESCRIPTION
The WM8734 is a low power stereo CODEC ideal for MD,
CD-RW machines and DAT recording applications.
Stereo line inputs are provided, along with a mute function
and programmable line level volume control.
Stereo 24-bit multi-bit sigma delta ADCs and DACs are
used with oversampling digital interpolation and decimation
filters.
Digital audio input word lengths from 16-32 bits and
sampling rates from 8kHz to 96kHz are supported.
Stereo audio line level outputs are provided along with anti-
thump mute and power up/down circuitry.
The device is controlled via a 2 or 3 wire serial interface.
The interface provides access to all features including level
controls, mutes, de-emphasis and power management
facilities. The device is available in 20-lead SSOP or 28-
lead, 5x5mm QFN packages.
FEATURES
•
Audio Performance
−
90dB SNR (‘A’ weighted @ 48kHz) ADC
−
100dB SNR (‘A’ weighted @ 48kHz) DAC
−
2.7 – 3.6V Digital Supply Operation
−
2.7 – 3.6V Analogue Supply Operation
•
ADC and DAC Sampling Frequency: 8kHz – 96kHz
•
Selectable ADC High Pass Filter
•
2 or 3-Wire MPU Serial Control Interface
•
Programmable Audio Data Interface Modes
−
I
2S, Left, Right Justified or DSP
−
16/20/24/32 bit Word Lengths
−
Master or Slave Clocking Mode
•
Stereo Audio Inputs and Outputs
•
20-lead SSOP or 5x5mm QFN Package Options
APPLICATIONS
•
CD and Minidisc Recorder
•
MP3 Player / Recorder
BLOCK DIAGRAM
ADC
ADC
DIGITAL
FILTERS
DIGTAL AUDIO INTERFACE
CONTROL INTERFACE
DAC
DAC
ROUT
LOUT
RLINEIN
LLINEIN
VMID
AVDD
AGND
+12 to -34.5dB,
1.5dB Steps
+12 to -34.5dB,
1.5dB Steps
MUTE
MUTE
VOL
W
WM8734
CLKIN
DIVIDER
(Div x1, x2)
VOL


Similar Part No. - WM8734

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WM8734 ETC-WM8734 Datasheet
414Kb / 42P
STEREO AUDIO CODEC
logo
Wolfson Microelectronic...
WM8734-EV1M WOLFSON-WM8734-EV1M Datasheet
900Kb / 31P
WM8734 Evaluation Board User Handbook
logo
List of Unclassifed Man...
WM8734EDS ETC-WM8734EDS Datasheet
414Kb / 42P
STEREO AUDIO CODEC
More results

Similar Description - WM8734

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV320AIC27 TI-TLV320AIC27 Datasheet
684Kb / 52P
STEREO AUDIO CODEC
logo
List of Unclassifed Man...
WM8734 ETC-WM8734 Datasheet
414Kb / 42P
STEREO AUDIO CODEC
logo
Rohm
BU7807-00KV ROHM-BU7807-00KV Datasheet
302Kb / 5P
Stereo audio interface with CODEC
logo
Texas Instruments
TLC320AD90 TI1-TLC320AD90 Datasheet
232Kb / 51P
Stereo Audio Codec
TLC320AD91 TI1-TLC320AD91 Datasheet
184Kb / 43P
Stereo Audio Codec
PCM3070 TI1-PCM3070_14 Datasheet
1Mb / 49P
Stereo Audio Codec
TLV320AIC3104 TI1-TLV320AIC3104_14 Datasheet
1Mb / 95P
Low-Power Stereo Audio Codec
TLV320AIC3105 TI1-TLV320AIC3105 Datasheet
2Mb / 103P
Low-Power Stereo Audio Codec
TLC320AD90C TI1-TLC320AD90C Datasheet
232Kb / 51P
Stereo Audio Codec
TLV320AIC27 TI1-TLV320AIC27_05 Datasheet
738Kb / 10P
STEREO AUDIO CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com