Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8734 Datasheet(PDF) 19 Page - Wolfson Microelectronics plc

Part # WM8734
Description  Stereo Audio CODEC
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8734 Datasheet(HTML) 19 Page - Wolfson Microelectronics plc

Back Button WM8734 Datasheet HTML 15Page - Wolfson Microelectronics plc WM8734 Datasheet HTML 16Page - Wolfson Microelectronics plc WM8734 Datasheet HTML 17Page - Wolfson Microelectronics plc WM8734 Datasheet HTML 18Page - Wolfson Microelectronics plc WM8734 Datasheet HTML 19Page - Wolfson Microelectronics plc WM8734 Datasheet HTML 20Page - Wolfson Microelectronics plc WM8734 Datasheet HTML 21Page - Wolfson Microelectronics plc WM8734 Datasheet HTML 22Page - Wolfson Microelectronics plc WM8734 Datasheet HTML 23Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 46 page
background image
WM8734
Production Data
w
PD Rev 4.1 November 2006
19
The use of multi-bit feedback and high oversampling rates reduces the effects of jitter and high
frequency noise.
The ADC Full Scale input is 1.0V rms at AVDD = 3.3 volts. Any voltage greater than full scale will
possibly overload the ADC and cause distortion. Note that the full scale input tracks directly with
AVDD. The device employs a pair of ADCs. The two channels cannot be selected independently.
The digital data from the ADC is fed for signal processing to the ADC Filters.
ADC FILTERS
The ADC filters perform true 24 bit signal processing to convert the raw multi-bit oversampled data
from the ADC to the correct sampling frequency to be output on the digital audio interface. Figure 11
illustrates the digital filter path.
FROM ADC
DIGITAL
HPF
DIGITAL
DECIMATION
FILTER
TO DIGITAL
AUDIO
INTERFACE
DIGITAL
DECIMATOR
HPFEN
Figure 11 ADC Digital Filter
The ADC digital filters contain a digital high pass filter, selectable via software control. The high-pass
filter response detailed in Digital Filter Characteristics. When the high-pass filter is enabled the dc
offset is continuously calculated and subtracted from the input signal. By setting HPOR the last
calculated dc offset value is stored when the high-pass filter is disabled and will continue to be
subtracted from the input signal. If the dc offset changed, the stored and subtracted value will not
change unless the high-pass filter is enabled. The software control is shown in Table 2.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
0
ADCHPD
0
ADC High Pass Filter Enable
(Digital)
1 = Disable High Pass Filter
0 = Enable High Pass Filter
00000101
Digital Audio
Path Control
4
HPOR
0
Store dc offset when High Pass
Filter disabled
1 = store offset
0 = clear offset
Table 2 ADC Software Control
There are several types of ADC filters, frequency and phase responses of these are shown in Digital
Filter Characteristics. The filter types are automatically configured depending on the sample rate
chosen. Refer to the sample rate section for more details.
DAC FILTERS
The DAC filters perform true 24 bit signal processing to convert the incoming digital audio data from
the digital audio interface at the specified sample rate to multi-bit oversampled data for processing by
the analogue DAC. Figure 12 illustrates the DAC digital filter path.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com