Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8734 Datasheet(PDF) 21 Page - Wolfson Microelectronics plc

Part # WM8734
Description  Stereo Audio CODEC
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8734 Datasheet(HTML) 21 Page - Wolfson Microelectronics plc

Back Button WM8734 Datasheet HTML 17Page - Wolfson Microelectronics plc WM8734 Datasheet HTML 18Page - Wolfson Microelectronics plc WM8734 Datasheet HTML 19Page - Wolfson Microelectronics plc WM8734 Datasheet HTML 20Page - Wolfson Microelectronics plc WM8734 Datasheet HTML 21Page - Wolfson Microelectronics plc WM8734 Datasheet HTML 22Page - Wolfson Microelectronics plc WM8734 Datasheet HTML 23Page - Wolfson Microelectronics plc WM8734 Datasheet HTML 24Page - Wolfson Microelectronics plc WM8734 Datasheet HTML 25Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 46 page
background image
WM8734
Production Data
w
PD Rev 4.1 November 2006
21
LINE OUTPUTS
The WM8734 provides two low impedance line outputs LLINEOUT and RLINEOUT, suitable for
driving typical line loads of impedance 10K and capacitance 50pF. The line output is used to
selectively sum the outputs from the DAC or/and the Line inputs in bypass mode.
The LLINEOUT and RLINEOUT outputs are only available at a line output level and are not level
adjustable in the analogue domain, having a fixed gain of 0dB. The level is fixed such that at the DAC
full scale level the output level is Vrms at AVDD = 3.3 volts. Note that the DAC full scale level tracks
directly with AVDD. The scheme is shown in Figure 14. The line output includes a low order audio
low pass filter for removing out-of band components from the sigma-delta DAC. Therefore no further
external filtering is required in most applications.
VMID
LINEOUT
FROM DAC
TO HEADPHONE AMP
DACSEL
Figure 14 Line Output Schematic
The line output is muted by either muting the DAC (analogue) or Soft Muting (digital). Refer to the
DAC section for more details. Whenever the DAC is muted or the device placed into standby mode
the DC voltage is maintained at the line outputs to prevent any audible clicks from being present.
The software control for the line outputs is shown in Table 4.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
0000100
Analogue
Audio Path
Control
4
DACSEL
0
DAC Select
1 = Select DAC
0 = Don’t select DAC
Table 4 Output Software Control
The recommended external components are shown in Figure 15.
AGND
R1
C1
AGND
LINEOUT
R2
Figure 15 Line Outputs Application Drawing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com