Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8734 Datasheet(PDF) 18 Page - Wolfson Microelectronics plc

Part # WM8734
Description  Stereo Audio CODEC
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8734 Datasheet(HTML) 18 Page - Wolfson Microelectronics plc

Back Button WM8734 Datasheet HTML 14Page - Wolfson Microelectronics plc WM8734 Datasheet HTML 15Page - Wolfson Microelectronics plc WM8734 Datasheet HTML 16Page - Wolfson Microelectronics plc WM8734 Datasheet HTML 17Page - Wolfson Microelectronics plc WM8734 Datasheet HTML 18Page - Wolfson Microelectronics plc WM8734 Datasheet HTML 19Page - Wolfson Microelectronics plc WM8734 Datasheet HTML 20Page - Wolfson Microelectronics plc WM8734 Datasheet HTML 21Page - Wolfson Microelectronics plc WM8734 Datasheet HTML 22Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 46 page
background image
WM8734
Production Data
w
PD Rev 4.1 November 2006
18
The line inputs are biased internally through the operational amplifier to VMID. Whenever the line
inputs are muted or the device placed into standby mode, the line inputs are kept biased to VMID
using special anti-thump circuitry. This reduces any audible clicks that may otherwise be heard when
re-activating the inputs.
The external components required to complete the line input application is shown in the Figure 9.
AGND
AGND
R1
R2
C1
C2
AGND
LINEIN
Figure 9 Line Input Application Drawing
For interfacing to a typical CD system, it is recommended that the input is scaled to ensure that there
is no clipping of the signal. R1 = 5K, R2 = 5K, C1 = 47pF, C2 = 470nF (10V npo ceramic type).
R1 and R2 form a resistive divider to attenuate the 2 Vrms output from a CD player to a 1 Vrms level,
so avoiding overloading the inputs. R2 also provides a discharge path for C2, thus preventing the
input to C2 charging to an excessive voltage which may otherwise damage any equipment connected
that is not suitably protected against high voltages. C1 forms an RF low pass filter for increasing the
rejection of RF interference picked up on any cables. C2 forms a DC blocking capacitor to remove
the DC path between the WM8734 and the driving audio equipment. C2 together with the input
impedance of the WM8734 form a high pass filter.
ADC
The WM8734 uses a multi-bit oversampled sigma-delta ADC. A single channel of the ADC is
illustrated in the Figure 10.
FROM LINE INPUT
ANALOG
INTEGRATOR
MULTI
BITS
TO ADC DIGITAL FILTERS
Figure 10 Multi-Bit Oversampling Sigma Delta ADC Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com