Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8734 Datasheet(PDF) 26 Page - Wolfson Microelectronics plc

Part # WM8734
Description  Stereo Audio CODEC
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8734 Datasheet(HTML) 26 Page - Wolfson Microelectronics plc

Back Button WM8734 Datasheet HTML 22Page - Wolfson Microelectronics plc WM8734 Datasheet HTML 23Page - Wolfson Microelectronics plc WM8734 Datasheet HTML 24Page - Wolfson Microelectronics plc WM8734 Datasheet HTML 25Page - Wolfson Microelectronics plc WM8734 Datasheet HTML 26Page - Wolfson Microelectronics plc WM8734 Datasheet HTML 27Page - Wolfson Microelectronics plc WM8734 Datasheet HTML 28Page - Wolfson Microelectronics plc WM8734 Datasheet HTML 29Page - Wolfson Microelectronics plc WM8734 Datasheet HTML 30Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 46 page
background image
WM8734
Production Data
w
PD Rev 4.1 November 2006
26
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
1:0
FORMAT[1:0]
10
Audio Data Format Select
11 = DSP Mode, frame sync + 2 data
packed words
10 = I
2S Format, MSB-First left-1
justified
01 = MSB-First, left justified
00 = MSB-First, right justified
3:2
IWL[1:0]
10
Input Audio Data Bit Length Select
11 = 32 bits
10 = 24 bits
01 = 20 bits
00 = 16 bits
4
LRP
0
DACLRC phase control (in left, right
or I
2S modes)
1 = Right Channel DAC data when
DACLRC high
0 = Right Channel DAC data when
DACLRC low
(opposite phasing in I
2S mode)
or
DSP mode A/B select (in DSP mode
only)
1 = MSB is available on 2nd BCLK
rising edge after ADCLRC/DACLRC
rising edge
0 = MSB is available on 1st BCLK
rising edge after ADCLRC/DACLRC
rising edge
5
LRSWAP
0
DAC Left Right Clock Swap
1 = Right Channel DAC Data Left
0 = Right Channel DAC Data Right
6
MS
0
Master Slave Mode Control
1 = Enable Master Mode
0 = Enable Slave Mode
0000111
Digital Audio
Interface
Format
7
BCLKINV
0
Bit Clock Invert
1 = Invert BCLK
0 = Don’t invert BCLK
Table 7 Digital Audio Interface Control
Note: If right justified 32 bit mode is selected then the WM8734 defaults to 24 bits.
MASTER AND SLAVE MODE OPERATION
The WM8734 can be configured as either a master or slave mode device. As a master mode device
the WM8734 controls sequencing of the data and clocks on the digital audio interface. As a slave
device the WM8734 responds with data to the clocks it receives over the digital audio interface. The
mode is set with the MS bit of the control register as shown in Table 8.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
0000111
Digital Audio Interface
Format
6
MS
0
Master Slave Mode Control
1 = Enable Master Mode
0 = Enable Slave Mode
Table 8 Programming Master/Slave Modes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com