Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8734 Datasheet(PDF) 44 Page - Wolfson Microelectronics plc

Part # WM8734
Description  Stereo Audio CODEC
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8734 Datasheet(HTML) 44 Page - Wolfson Microelectronics plc

Back Button WM8734 Datasheet HTML 38Page - Wolfson Microelectronics plc WM8734 Datasheet HTML 39Page - Wolfson Microelectronics plc WM8734 Datasheet HTML 40Page - Wolfson Microelectronics plc WM8734 Datasheet HTML 41Page - Wolfson Microelectronics plc WM8734 Datasheet HTML 42Page - Wolfson Microelectronics plc WM8734 Datasheet HTML 43Page - Wolfson Microelectronics plc WM8734 Datasheet HTML 44Page - Wolfson Microelectronics plc WM8734 Datasheet HTML 45Page - Wolfson Microelectronics plc WM8734 Datasheet HTML 46Page - Wolfson Microelectronics plc  
Zoom Inzoom in Zoom Outzoom out
 44 / 46 page
background image
WM8734
Production Data
w
PD Rev 4.1 November 2006
44
PACKAGE DIMENSIONS (SSOP)
NOTES:
A. ALL LINEAR DIMENSIONS ARE IN MILLIMETERS.
B. THIS DRAWING IS SUBJECT TO CHANGE WITHOUT NOTICE.
C. BODY DIMENSIONS DO NOT INCLUDE MOLD FLASH OR PROTRUSION, NOT TO EXCEED 0.20MM.
D. MEETS JEDEC.95 MO-150, VARIATION = AE. REFER TO THIS SPECIFICATION FOR FURTHER DETAILS.
DM0015.C
DS: 20 PIN SSOP (7.2 x 5.3 x 1.75 mm)
Symbols
Dimensions
(mm)
MIN
NOM
MAX
A
-----
-----
2.0
A1
0.05
-----
-----
A2
1.651.751.85
b
0.22
0.30
0.38
c
0.09
-----
0.25
D
6.90
7.20
7.50
e
0.65 BSC
E
7.40
7.80
8.20
5.00
5.30
5.60
L
0.55
0.75
0.95
θθθθ
REF:
A A2
A1
SEATING PLANE
-C-
0.10 C
10
1
D
11
20
e
b
E1
E
-
JEDEC.95, MO 150
0
o
4
o
8
o
E1
L1
1.25 REF
Θ
Θ
Θ
Θ
c
L
GAUGE
PLANE
0.25
L 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com