Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8734 Datasheet(PDF) 16 Page - Wolfson Microelectronics plc

Part # WM8734
Description  Stereo Audio CODEC
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8734 Datasheet(HTML) 16 Page - Wolfson Microelectronics plc

Back Button WM8734 Datasheet HTML 12Page - Wolfson Microelectronics plc WM8734 Datasheet HTML 13Page - Wolfson Microelectronics plc WM8734 Datasheet HTML 14Page - Wolfson Microelectronics plc WM8734 Datasheet HTML 15Page - Wolfson Microelectronics plc WM8734 Datasheet HTML 16Page - Wolfson Microelectronics plc WM8734 Datasheet HTML 17Page - Wolfson Microelectronics plc WM8734 Datasheet HTML 18Page - Wolfson Microelectronics plc WM8734 Datasheet HTML 19Page - Wolfson Microelectronics plc WM8734 Datasheet HTML 20Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 46 page
background image
WM8734
Production Data
w
PD Rev 4.1 November 2006
16
DEVICE DESCRIPTION
The WM8734 is a high performance audio CODEC designed specifically for audio applications that
require recording and playback features.
The CODEC includes line inputs to the on-board ADC, line outputs from the on-board DAC, a
configurable digital audio interface and a choice of 2 or 3 wire MPU control interface. It is fully
compatible and an ideal partner for a range of industry standard microprocessors, controllers and
DSPs.
The CODEC includes a stereo low noise input. Line inputs have +12dB to -34dB logarithmic volume
level adjustments and mute. All the required input filtering is contained within the device.
The on-board stereo analogue to digital converter (ADC) is of a high quality using a multi-bit high-
order oversampling architecture delivering optimum performance with low power consumption. The
output from the ADC is available on the digital audio interface. The ADC includes an optional digital
high pass filter to remove unwanted dc components from the audio signal.
The on-board digital to analogue converter (DAC) accepts digital audio from the digital audio
interface. Digital filter de-emphasis at 32kHz, 44.1kHz and 48kHz can be applied to the digital data
under software control. The DAC employs a high quality multi-bit high-order oversampling
architecture to again deliver optimum performance with low power consumption.
Special techniques allow the audio to be muted and the device safely placed into standby, sections
of the device powered off and volume levels adjusted without any audible clicks, pops or zipper
noises. Therefore standby and power off modes may be used dynamically under software control,
whenever recording or playback is not required.
The device caters for a number of different sampling rates including industry standard 8kHz, 32kHz,
44.1kHz, 48kHz, 88.2kHz and 96kHz. The digital filters used for both record and playback are
optimised for each sampling rate used.
The digitised output is available in a number of audio data formats I
2S, DSP Mode (a burst mode in
which frame sync plus 2 data packed words are transmitted), MSB-First, left justified and MSB-First,
right justified. The digital audio interface can operate in both master or slave modes.
The software control uses either a 2 or 3-wire MPU interface.
AUDIO SIGNAL PATH
LINE INPUTS
The WM8734 provides Left and Right channel line inputs (RLINEIN and LLINEIN). The inputs are
high impedance and low capacitance, thus ideally suited to receiving line level signals from external
hi-fi or audio equipment.
Both line inputs include independent programmable volume level adjustments and input mute. The
scheme is illustrated in Figure 8. Passive RF and active Anti-Alias filters are also incorporated within
the line inputs. These prevent high frequencies aliasing into the audio band or otherwise degrading
performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com