Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8734 Datasheet(PDF) 36 Page - Wolfson Microelectronics plc

Part # WM8734
Description  Stereo Audio CODEC
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8734 Datasheet(HTML) 36 Page - Wolfson Microelectronics plc

Back Button WM8734 Datasheet HTML 32Page - Wolfson Microelectronics plc WM8734 Datasheet HTML 33Page - Wolfson Microelectronics plc WM8734 Datasheet HTML 34Page - Wolfson Microelectronics plc WM8734 Datasheet HTML 35Page - Wolfson Microelectronics plc WM8734 Datasheet HTML 36Page - Wolfson Microelectronics plc WM8734 Datasheet HTML 37Page - Wolfson Microelectronics plc WM8734 Datasheet HTML 38Page - Wolfson Microelectronics plc WM8734 Datasheet HTML 39Page - Wolfson Microelectronics plc WM8734 Datasheet HTML 40Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 46 page
background image
WM8734
Production Data
w
PD Rev 4.1 November 2006
36
REGISTER MAP
The complete register map is shown in Table 21. The detailed description can be found in the
relevant text of the device description. There are 8 registers with 9 bits per register. These can be
controlled using either the 2 wire or 3 wire MPU interface.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
4:0
LINVOL[4:0]
10111
( 0dB )
Left Channel Line Input Volume
Control
11111 = +12dB . . 1.5dB steps down
to 00000 = -34.5dB
7
LINMUTE
1
Left Channel Line Input Mute to ADC
1 = Enable Mute
0 = Disable Mute
0000000
Left Line In
8
LRINBOTH
0
Left to Right Channel Line Input
Volume and Mute Data Load Control
1 = Enable Simultaneous Load of
LINVOL[4:0] and LINMUTE to
RINVOL[4:0] and RINMUTE
0 = Disable Simultaneous Load
4:0
RINVOL[4:0]
10111
( 0dB )
Right Channel Line Input Volume
Control
11111 = +12dB . .1.5dB steps down
to 00000 = -34.5dB
7
RINMUTE
1
Right Channel Line Input Mute to
ADC
1 = Enable Mute
0 = Disable Mute
0000001
Right Line In
8
RLINBOTH
0
Right to Left Channel Line Input
Volume and Mute Data Load Control
1 = Enable Simultaneous Load of
RINVOL[4:0] and RINMUTE to
LINVOL[4:0] and LINMUTE
0 = Disable Simultaneous Load
0000100
Analogue Audio
Path Control
4
DACSEL
0
DAC Select
1 =Select DAC
0 = Don’t select DAC
0
ADCHPD
0
ADC High Pass Filter Enable
1 = Enable High Pass Filter
0 = Disable High Pass Filter
2:1
DEEMP[1:0]
00
De-emphasis Control
11 = 48kHz
10 = 44.1kHz
01 = 32kHz
00 = Disable
3
DACMU
1
DAC Soft Mute Control
1 = Enable soft mute
0 = Disable soft mute
0000101
Digital Audio
Path Control
4
HPOR
0
Store dc offset when High Pass Filter
disabled
1 = store offset
0 = clear offset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com