Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1110-RTY1 Datasheet(PDF) 154 Page - Texas Instruments

Part # CC1110-RTY1
Description  True System-on-Chip with Low Power RF Transceiver and 8051 MCU
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1110-RTY1 Datasheet(HTML) 154 Page - Texas Instruments

Back Button CC1110-RTY1 Datasheet HTML 150Page - Texas Instruments CC1110-RTY1 Datasheet HTML 151Page - Texas Instruments CC1110-RTY1 Datasheet HTML 152Page - Texas Instruments CC1110-RTY1 Datasheet HTML 153Page - Texas Instruments CC1110-RTY1 Datasheet HTML 154Page - Texas Instruments CC1110-RTY1 Datasheet HTML 155Page - Texas Instruments CC1110-RTY1 Datasheet HTML 156Page - Texas Instruments CC1110-RTY1 Datasheet HTML 157Page - Texas Instruments CC1110-RTY1 Datasheet HTML 158Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 154 / 203 page
background image
CC1110
CC1110 PRELIMINARY Datasheet (Rev. 1.01) SWRS033A
Page 154 of 202
15 Radio
PA
LNA
0
90
FREQ
SYNTH
ADC
ADC
RADIO CONTROL
RF_P
RF_N
Figure 32: CC1110 Radio Module
A simplified block diagram of the radio
module in the
CC1110 is shown in Figure 32.
CC1110 features a low-IF receiver. The
received RF signal is amplified by the low-
noise amplifier (LNA) and down-converted
in quadrature (I and Q) to the intermediate
frequency (IF). At IF, the I/Q signals are
digitized by the ADCs. Automatic gain
control (AGC), fine channel filtering,
demodulation bit/packet synchronization is
performed digitally.
The transmitter part of
CC1110 is based on
direct synthesis of the RF frequency. The
frequency
synthesizer
includes
a
completely on-chip LC VCO and a 90
degrees phase shifter for generating the I
and Q LO signals to the down-conversion
mixers in receive mode.
The 26 MHz crystal oscillator generates
the
reference
frequency
for
the
synthesizer, as well as clocks for the ADC
and the digital part.
An SFR register interface is used for data
buffer access from the CPU. Configuration
and status registers are accessed through
registers mapped to XDATA memory.
The digital baseband includes support for
channel configuration, packet handling
and data buffering. An on-chip voltage
regulator delivers a regulated 1.8 V supply
voltage.
15.1 Command strobes
The CPU uses a set of command strobes
to control operation of the radio in
CC1110.
Command strobes may be viewed as
single byte instructions which each control
some function of the radio. These
command strobes must be used to enable
the frequency synthesizer, enable receive



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com