Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1110-RTY1 Datasheet(PDF) 155 Page - Texas Instruments

Part # CC1110-RTY1
Description  True System-on-Chip with Low Power RF Transceiver and 8051 MCU
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1110-RTY1 Datasheet(HTML) 155 Page - Texas Instruments

Back Button CC1110-RTY1 Datasheet HTML 151Page - Texas Instruments CC1110-RTY1 Datasheet HTML 152Page - Texas Instruments CC1110-RTY1 Datasheet HTML 153Page - Texas Instruments CC1110-RTY1 Datasheet HTML 154Page - Texas Instruments CC1110-RTY1 Datasheet HTML 155Page - Texas Instruments CC1110-RTY1 Datasheet HTML 156Page - Texas Instruments CC1110-RTY1 Datasheet HTML 157Page - Texas Instruments CC1110-RTY1 Datasheet HTML 158Page - Texas Instruments CC1110-RTY1 Datasheet HTML 159Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 155 / 203 page
background image
CC1110
CC1110 PRELIMINARY Datasheet (Rev. 1.01) SWRS033A
Page 155 of 202
mode, enable transmit mode and other
functions.
The command strobes are issued by
writing to the RFST SFR register. The list
of all strobe commands which are defined
is given in Table 42.
Figure 33 shows a simplified state diagram
that explains the main states, together with
typical usage and current consumption in
the radio part. The diagram shows the
state transitions that are controlled by the
command strobes. For detailed information
on controlling the radio state machine, and
a complete state diagram, see section
15.12 on page 167.
Transmit mode
Receive mode
Idle
Manual freq.
synth. calibration
Frequency
synthesizer on
SFSTXON
SRX
STX
STX
STX or RXOFF_MODE=10
RXOFF_MODE=00
SRX or TXOFF_MODE=11
SIDLE
SCAL
TXOFF_MODE=00
SFSTXON or RXOFF_MODE=01
SRX or STX or SFSTXON
TXOFF_MODE=01
Frequency
synthesizer startup,
optional calibration,
settling
Optional freq.
synth. calibration
Default state when the radio is not
receiving or transmitting. Typ.
current consumption in radio:
1.8mA.
Used for calibrating frequency
synthesizer upfront (entering
receive or transmit mode can
then be done quicker).
Transitional state. Typ. current
consumption in radio: 7.6mA.
Frequency synthesizer is turned on, can optionally be
calibrated, and then settles to the correct frequency.
Transitional state. Typ. current consumption in radio:
7.6mA.
Frequency synthesizer is on,
ready to start transmitting.
Transmission starts very
quickly after receiving the
STX command strobe.Typ.
current consumption in radio:
7.6mA.
Typ. current consumption in
radio:
11.5mA at -12dBm output,
15.4mA at -6dBm output,
21.6mA at 0dBm output.
Typ. current consumption:
from 13.3mA (strong
input signal) to 15.6mA
(weak input signal).
Optional transitional state. Typ.
current consumption: 7.6mA.
Idle
Figure 33: Simplified state diagram, with typical usage and current consumption in radio



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com