Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1110-RTY1 Datasheet(PDF) 159 Page - Texas Instruments

Part # CC1110-RTY1
Description  True System-on-Chip with Low Power RF Transceiver and 8051 MCU
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1110-RTY1 Datasheet(HTML) 159 Page - Texas Instruments

Back Button CC1110-RTY1 Datasheet HTML 155Page - Texas Instruments CC1110-RTY1 Datasheet HTML 156Page - Texas Instruments CC1110-RTY1 Datasheet HTML 157Page - Texas Instruments CC1110-RTY1 Datasheet HTML 158Page - Texas Instruments CC1110-RTY1 Datasheet HTML 159Page - Texas Instruments CC1110-RTY1 Datasheet HTML 160Page - Texas Instruments CC1110-RTY1 Datasheet HTML 161Page - Texas Instruments CC1110-RTY1 Datasheet HTML 162Page - Texas Instruments CC1110-RTY1 Datasheet HTML 163Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 159 / 203 page
background image
CC1110
CC1110 PRELIMINARY Datasheet (Rev. 1.01) SWRS033A
Page 159 of 202
; Start radio TX
; simple example, assumes required frequency, modulation format and
; data rate has been set in RF registers
;
MOV
DPTR,PA_TABLE0
;setting PA output power
MOV
A,#0FFh
;
MOVX
@DPTR,A
;
MOV
CLKCON,#00H
;select 26 MHz XOSC
MOV
RFST,#03H
;start TX with STX command strobe
C1:
JNB
IE0,C1
;wait for interrupt flag telling radio is
CLR
IE0
;ready to accept data, then write
MOV
RFD,#02H
;first data to radio, packet length=2
C2:
JNB
IE0,C2
;wait for radio
CLR
IE0
;
MOV
RFD,#12H
;send first byte in payload
C3:
JNB
IE0,C3
;wait for radio
CLR
IE0
;
MOV
RFD,#34H
;send second byte in payload
;done
Figure 35: Simple RF transmit example
15.5 Data Rate Programming
The data rate used when transmitting, or
the data rate expected in receive is
programmed by the MDMCFG3.DRATE_M
and the MDMCFG4.DRATE_E configuration
registers. The data rate is given by the
formula below. As the formula shows, the
programmed data rate depends on the
crystal frequency.
()
XOSC
E
DRATE
DATA
f
M
DRATE
R
⋅
⋅
+
=
28
_
2
2
_
256
The following approach can be used to
find suitable values for a given data rate:
256
2
2
_
2
log
_
_
28
20
2
−
⋅
⋅
=
⎥
⎥
⎦
⎥
⎢
⎢
⎣
⎢
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
⋅
=
E
DRATE
XOSC
DATA
XOSC
DATA
f
R
M
DRATE
f
R
E
DRATE
If DRATE_M is rounded to the nearest
integer and becomes 256, increment
DRATE_E and use DRATE_M=0.
The data rate can be set from 1.2 kbps to
500 kbps with the minimum step size as
shown in Table 43.
Data rate
start
Typical
data rate
Data rate
stop
Data rate
step size
0.8 kbps
1.2/2.4
kbps
3.17 kbps
0.0062 kbps
3.17 kbps
4.8 kbps
6.35 kbps
0.0124 kbps
6.35 kbps
9.6 kbps
12.7 kbps
0.0248 kbps
12.7 kbps
19.6 kbps
25.4 kbps
0.0496 kbps
25.4 kbps
38.4 kbps
50.8 kbps
0.0992 kbps
50.8 kbps
76.8 kbps
101.6 kbps
0.1984 kbps
101.6 kbps
153.6 kbps
203.1 kbps
0.3967 kbps
203.1 kbps
250 kbps
406.3 kbps
0.7935 kbps
406.3 kbps
500 kbps
500 kbps
1.5869 kbps
Table 43: Data rate step size



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com