Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1110-RTY1 Datasheet(PDF) 160 Page - Texas Instruments

Part # CC1110-RTY1
Description  True System-on-Chip with Low Power RF Transceiver and 8051 MCU
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1110-RTY1 Datasheet(HTML) 160 Page - Texas Instruments

Back Button CC1110-RTY1 Datasheet HTML 156Page - Texas Instruments CC1110-RTY1 Datasheet HTML 157Page - Texas Instruments CC1110-RTY1 Datasheet HTML 158Page - Texas Instruments CC1110-RTY1 Datasheet HTML 159Page - Texas Instruments CC1110-RTY1 Datasheet HTML 160Page - Texas Instruments CC1110-RTY1 Datasheet HTML 161Page - Texas Instruments CC1110-RTY1 Datasheet HTML 162Page - Texas Instruments CC1110-RTY1 Datasheet HTML 163Page - Texas Instruments CC1110-RTY1 Datasheet HTML 164Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 160 / 203 page
background image
CC1110
CC1110 PRELIMINARY Datasheet (Rev. 1.01) SWRS033A
Page 160 of 202
15.6 Receiver Channel Filter Bandwidth
In order to meet different channel width
requirements, the receiver channel filter is
programmable. The MDMCFG4.CHANBW_E
and MDMCFG4.CHANBW_M configuration
registers control the receiver channel filter
bandwidth, which scales with the crystal
oscillator frequency. The following formula
gives the relation between the register
settings and the channel filter bandwidth:
E
CHANBW
XOSC
channel
M
CHANBW
f
BW
_
2
)·
_
4
(
8
+
⋅
=
The
CC1110
supports
channel
filter
bandwidths shown in Table 44.
Table 44: Channel filter bandwidths [kHz] (26 MHz crystal)
Above 300kHz bandwidth, however, the
sensitivity and blocking performance may
be somewhat degraded.
For best performance, the channel filter
bandwidth should be selected so that the
signal bandwidth occupies at most 80% of
the channel filter bandwidth. The channel
centre tolerance due to crystal accuracy
should also be subtracted from the signal
bandwidth.
The
following
example
illustrates this:
With the channel filter bandwidth set to
500kHz, the signal should stay within 80%
of 500kHz, which is 400kHz. Assuming
915MHz frequency and ±20ppm frequency
uncertainty for both the transmitting device
and the receiving device, the total
frequency
uncertainty
is
±40ppm of
915MHz, which is ±37kHz. If the whole
transmitted signal bandwidth is to be
received within 400kHz, the transmitted
signal bandwidth should be maximum
400kHz–2·37kHz, which is 326kHz
.
15.7 Demodulator, Symbol Synchronizer and Data Decision
CC1110 contains an advanced and highly
configurable
demodulator.
Channel
filtering
and
frequency
offset
compensation is performed digitally. To
generate the RSSI level (see section
15.10.2 for more information) the signal
level in the channel is estimated. Data
filtering is also included for enhanced
performance.
15.7.1 Frequency Offset Compensation
When using FSK or MSK modulation, the
demodulator will compensate for the offset
between the transmitter and receiver
frequency,
within
certain
limits,
by
estimating the centre of the received data.
This value is available in the FREQEST
status register.
By issuing the SAFC command strobe, the
measured
offset,
MDMCFG4.
MDMCFG4.CHANBW_E
CHANBW_M
00
01
10
11
00
812
406
203
102
01
650
325
162
81
10
541
270
135
68
11
464
232
116
58



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com